Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5153AG Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA5153AG
Description  Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5153AG Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA5153AG Datasheet HTML 1Page - NXP Semiconductors TDA5153AG Datasheet HTML 2Page - NXP Semiconductors TDA5153AG Datasheet HTML 3Page - NXP Semiconductors TDA5153AG Datasheet HTML 4Page - NXP Semiconductors TDA5153AG Datasheet HTML 5Page - NXP Semiconductors TDA5153AG Datasheet HTML 6Page - NXP Semiconductors TDA5153AG Datasheet HTML 7Page - NXP Semiconductors TDA5153AG Datasheet HTML 8Page - NXP Semiconductors TDA5153AG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
1997 Jul 02
5
Philips Semiconductors
Preliminary specification
Pre-amplifier for Hard Disk Drive (HDD)
with MR-read/inductive write heads
TDA5153
6
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MGK422
SERIAL
INTERFACE
WRITE DRIVER
INPUT
HEAD UNSAFE
INDICATOR
FF
VOLTAGE
REFERENCE
3
5
4
5
2
7
20 k
4
5
6
12
9
10
1
3
4
4
WRITE DRIVER
AND
READ PREAMP
(6
×)(3)
TDA5153
head select
WRITE
CURRENT
SOURCE
LOW SUPPLY
VOLTAGE
INDICATOR
VCC(WD)
(5 to 8 V)
nWy
nWx
nRy
nGND
nRx
GND n
8, 13
18(2), 23, 29,
36, 42, 47(2)
17(2), 22, 28,
35, 41, 46(2)
16(2), 21, 27,
34, 40, 45(2)
15(2), 20, 26,
33, 39, 44(2)
14(2), 19, 25,
32, 38, 43(2)
6(3)
6(3)
6(3)
6(3)
6(3)
6(3)
6(3)
48
VCC
11
RDy
RDx
Rext
SDATA
SEN
SCLK
WDly
WDlx
TAS
DETECTOR
IWDly(1)
IWDlx(1)
HUS
R/W
+VCC
RMR
CURRENT
SOURCE
Pin numbers correspond to TDA5153AG and TDA5153BG only. See Fig.3 and Chapter 7 for pinning of TDA5153X.
(1) Only available on naked die.
(2) Absent on TDA5153BG (4 channel version).
(3) 4 on TDA5153BG.


Similar Part No. - TDA5153AG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5150 INFINEON-TDA5150 Datasheet
3Mb / 106P
   On-chip, high resolution fractional-N synthesizer and Sigma-Delta modulator with ASK, FSK, GFSK options
V1.0 July 2009
logo
NXP Semiconductors
TDA5155 PHILIPS-TDA5155 Datasheet
112Kb / 24P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Apr 08
TDA5155X PHILIPS-TDA5155X Datasheet
112Kb / 24P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Apr 08
More results

Similar Description - TDA5153AG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5155 PHILIPS-TDA5155 Datasheet
112Kb / 24P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Apr 08
TDA5360 PHILIPS-TDA5360 Datasheet
198Kb / 34P
   Pre-Amplifier for Hard Disk Drive with MR-Read / Inductive Write Heads
1998 Jul 30
logo
Sony Corporation
CXA1829N SONY-CXA1829N Datasheet
264Kb / 15P
   8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
   Read/Write IC for Hard Disk Drive
logo
Sony Corporation
CXA3541N SONY-CXA3541N Datasheet
190Kb / 17P
   2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
CXA1940N SONY-CXA1940N Datasheet
225Kb / 16P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
   2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com