Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCN162ABI220KF7 Datasheet(PDF) 1 Page - Bi technologies

Part # BCN162ABI220KF7
Description  Thick Film Chip Resistor Arrays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BCN162ABI220KF7 Datasheet(HTML) 1 Page - Bi technologies

  BCN162ABI220KF7 Datasheet HTML 1Page - Bi technologies BCN162ABI220KF7 Datasheet HTML 2Page - Bi technologies BCN162ABI220KF7 Datasheet HTML 3Page - Bi technologies BCN162ABI220KF7 Datasheet HTML 4Page - Bi technologies BCN162ABI220KF7 Datasheet HTML 5Page - Bi technologies BCN162ABI220KF7 Datasheet HTML 6Page - Bi technologies BCN162ABI220KF7 Datasheet HTML 7Page - Bi technologies BCN162ABI220KF7 Datasheet HTML 8Page - Bi technologies BCN162ABI220KF7 Datasheet HTML 9Page - Bi technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
4
4-5
Model BCN Series
MODEL STYLES
Edge Finish / Termination
Scalloped
Square
Square
Model (Width)
# of Resistors
Circuit
Industry Size
Convex
Convex
Concave
Model BCN 102 (1.0mm)
2
Isolated
0404
Model BCN 104 (1.0mm)
4
Isolated
0804
Model BCN 16 4ABI (1.6mm)
4
Isolated
1206
Model BCN 16 4A/AB (1.6mm)
4
Isolated
1206
Model BCN 16 8RB/8SB (1.6mm)
8
Bussed
1206
Model BCN 21 (2.1mm)
8
Bussed
1608
Model BCN 4D (3.1mm)
4
Isolated
2112
Model BCN 4DBI (3.1mm)
4
Isolated
2112
Model BCN 31 8RB/8SB (3.1mm)
8
Bussed
2512
Model BCN 31 8RBI/8SBI (3.1mm)
8
Bussed
2512
Jumper Chip Array
4/8
Isolated/Bussed
1206/2512
2/4
Isolated
0404/0804
MODEL BCN SERIES
Thick Film
Chip Resistor Arrays
• Pull up/pull down resistors for digital IC’s
• Series termination on high speed data busses
• Current limit for LED displays
FEATURES
• Reliable monolithic construction
• Nickel barrier terminations
• Top side marking for easy identification
• Concave or convex termination styles
• Square or scalloped edges available
BENEFITS
• Saves board space over equivalent rated chip resistors
• Eliminates up to seven pick & place operations
• Single component reliability
• Leadless chip, reduced inductance
• Mounts close to active devices
Specifications subject to change without notice.
APPLICATIONS


Similar Part No. - BCN162ABI220KF7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BCN164 ETC2-BCN164 Datasheet
717Kb / 10P
   BCN Series
logo
TT Electronics.
BCN164 TTELEC-BCN164 Datasheet
623Kb / 9P
   Thick Film Chip Arrays
logo
List of Unclassifed Man...
BCN164A100J13 ETC2-BCN164A100J13 Datasheet
762Kb / 11P
   Sulphur resistant version available
BCN164A100J7 ETC2-BCN164A100J7 Datasheet
762Kb / 11P
   Sulphur resistant version available
BCN164A101J7 ETC2-BCN164A101J7 Datasheet
762Kb / 11P
   Sulphur resistant version available
More results

Similar Description - BCN162ABI220KF7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNC22JTN102 ETC-CNC22JTN102 Datasheet
902Kb / 8P
   Thick Film Chip Resistor Arrays
CNC24JTN102 ETC-CNC24JTN102 Datasheet
939Kb / 8P
   Thick Film Chip Resistor Arrays
CNC34JTN102 ETC-CNC34JTN102 Datasheet
952Kb / 8P
   Thick Film Chip Resistor Arrays
CNCR24JTN102 ETC-CNCR24JTN102 Datasheet
934Kb / 8P
   Thick Film Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT25 BOURNS-CAT25 Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
   Thick Film Chip Resistor Arrays
logo
American Accurate Compo...
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
logo
Bourns Electronic Solut...
CAT25-273JALF BOURNS-CAT25-273JALF Datasheet
210Kb / 2P
   CAT25 - Thick Film Chip Resistor Arrays
CAT25-474JALF BOURNS-CAT25-474JALF Datasheet
229Kb / 3P
   CAT25 - Thick Film Chip Resistor Arrays
CAT25-104JALF BOURNS-CAT25-104JALF Datasheet
210Kb / 2P
   CAT25 - Thick Film Chip Resistor Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com