Selected language     English  ▼


TDA5153BG Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. TDA5153BG
Description  Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 6 page
background image
1997 Jul 02
6
Philips Semiconductors
Preliminary specification
Pre-amplifier for Hard Disk Drive (HDD)
with MR-read/inductive write heads
TDA5153
7
PINNING
SYMBOL
PIN
PAD
DESCRIPTION
TDA5153AG TDA5153BG TDA5153X
HUS
1
1
1
head unsafe output
WDIx
2
2
2
write data input (differential; voltage input)
WDIy
3
3
3
write data input (differential; voltage input)
IWDIx
−−
4
write data input (differential; current input)
IWDIy
−−
5
write data input (differential; current input)
R/W
4
4
6
read/write (read = HIGH; write = LOW)
SEN
5
5
7
serial bus enable
SDATA
6
6
8
serial bus data
SCLK
7
7
9
serial bus clock
GND1
8
8
10
ground connection 1
RDx
9
9
11
read data output (differential x
− y)
RDy
10
10
12
read data output (differential x
− y)
GND3
−−
13
ground connection 3
VCC
11
11
14
supply voltage
Rext
12
12
15
10 k
Ω external resistor
GND2
13
13
16
ground connection 2
0Wx
14
17
inductive write head connection for head H0 (differential x
− y)
0Wy
15
18
inductive write head connection for head H0 (differential x
− y)
0Rx
16
19
MR-read head connection for head H0 (differential x
− y)
0GND
17
20
ground connection for head H0
0Ry
18
21
MR-read head connection for head H0 (differential x
− y)
n.c.
14
not connected
n.c.
15
not connected
n.c.
16
not connected
n.c.
17
not connected
n.c.
18
not connected
1Wx
19
19
22
inductive write head connection for head H1 (differential x
− y)
1Wy
20
20
23
inductive write head connection for head H1 (differential x
− y)
1Rx
21
21
24
MR-read head connection for head H1 (differential x
− y)
1GND
22
22
25
ground connection for head H1
1Ry
23
23
26
MR-read head connection for head H1 (differential x
− y)
n.c.
24
24
not connected
2Wx
25
25
27
inductive write head connection for head H2 (differential x
− y)
2Wy
26
26
28
inductive write head connection for head H2 (differential x
− y)
2Rx
27
27
29
MR-read head connection for head H2 (differential x
− y)
2GND
28
28
30
ground connection for head H2
2Ry
29
29
31
MR-read head connection for head H2 (differential x
− y)
n.c.
30
30
not connected




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5155Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads 1 2 3 4 5 MoreNXP Semiconductors
TDA5360Pre-Amplifier for Hard Disk Drive with MR-Read / Inductive Write Heads 1 2 3 4 5 MoreNXP Semiconductors
CXA1829N8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA3238TN6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA3510N4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA3541N2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA1360QREAD/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER 1 2 3 4 5 MoreSony Corporation
CXA1362QREAD/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER 1 2 3 4 5 MoreSony Corporation
STI5514Set-top box decoder with hard disk drive capability
for digital TV digital set-top box or cable box
1 2 STMicroelectronics
CXA1940N4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl