Selected language     English  ▼


TDA5153BG Datasheet(PDF) 11 Page - NXP Semiconductors

Part No. TDA5153BG
Description  Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 11 page
background image
1997 Jul 02
11
Philips Semiconductors
Preliminary specification
Pre-amplifier for Hard Disk Drive (HDD)
with MR-read/inductive write heads
TDA5153
8.4
Standby mode
The circuit can be put in standby mode using the serial
interface. In standby mode, typical DC current
consumption is 330
µA. Transients from standby mode to
active mode are two orders of magnitude shorter than from
sleep mode to active mode. This is important in the case
of cylinder mode operation with multiple amplifiers.
All amplifiers can operate from standby mode and all head
switch times can be kept just as short as in the case of
operation with a single amplifier. Head switching times are
summarized in the switching characteristics.
8.5
Active mode
Active mode is either read mode or write mode depending
on the R/W pin.
8.6
Bi-directional serial interface
The serial interface is used for programming of the device
and for reading of status information. 16 bits (8 bits for
data and 8 for address) are used to program the device.
The serial interface requires 3 pins: SDATA, SCLK and
SEN. These pins (and R/W) are CMOS inputs. The logic
input R/W has an internal 20 k
Ω pull-up resistor and the
SEN logic input has an internal 20 k
Ω pull-down resistor.
Thus, in case the SEN line is opened, no data will be
registered and in case the R/W line is opened, the device
will never be in write mode.
SDATA: serial data; bi-directional data interface. In all
circumstances, the LSB is transmitted first.
SCLK: serial clock; 25 MHz clock frequency.
SEN: serial enable; data transfer takes place when SEN is
HIGH. When SEN is LOW, data and clock signals are
prohibited from entering the circuit.
Three phases in the communication are distinguishable:
addressing, programming and reading. Each
communication sequence starts with an addressing
phase, followed by either a programming phase or a
reading phase.
8.7
Addressing
When SEN goes HIGH, bits are latched in at rising edges
of SCLK. The first eight bits a7 to a0, starting with a0, are
shifted serially into an address register. If SEN goes LOW
before 16 bits have been received, the operation is
ignored. When more than 16 bits (address and data) are
latched in before SEN goes LOW, the first 8 bits are
interpreted as an address and the last 8 bits as data.
SEN should go HIGH at least 5 ns before the first rising
edge of SCLK. Data should be valid at least 5 ns before
and after a rising edge of SCLK. The bits a7 to a4
constitute the register address.To validate the
communication with the preamplifier, bits a1, a2 and a3
have to be programmed as (1, 0, 0).
If bit a0 = logic 0, a programming sequence starts.
If bit a0 = logic 1, reading data from the pre-amplifier can
start.
8.8
Programming data
If a0 = logic 0, the last eight bits d7 to d0 before SEN goes
LOW are shifted into an input register. Bits d6 and d7 are
don’t care. When SEN goes LOW, the communication
sequence is ended and the data in the input register is
copied in parallel to the data register that corresponds to
the decoded address a7 to a4. SEN should go LOW at
least 5 ns after the last rising edge of SCLK.
8.9
Reading data
Immediately after the IC detects that a0 = logic 1, data
from the data register (address a7 to a4) is copied in
parallel to the input register. Two wait clock cycles must
follow before the controller can start inputting data. At the
first falling edge of SCLK after the 2 wait rising edges of
SCLK, the LSB d0 is placed on SDATA line followed by d1
at the next falling edge of SCLK etc. If SEN goes LOW
before 8 address bits (a7 to a0) have been detected, the
communication is ignored.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA5155Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads 1 2 3 4 5 MoreNXP Semiconductors
TDA5360Pre-Amplifier for Hard Disk Drive with MR-Read / Inductive Write Heads 1 2 3 4 5 MoreNXP Semiconductors
CXA1829N8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA3238TN6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA3510N4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA3541N2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive 1 2 3 4 5 MoreSony Corporation
CXA1360QREAD/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER 1 2 3 4 5 MoreSony Corporation
CXA1362QREAD/WRITE AMPLIFIER FOR FLOPPY DISK DRIVE WITH BUILT-IN FILTER 1 2 3 4 5 MoreSony Corporation
STI5514Set-top box decoder with hard disk drive capability
for digital TV digital set-top box or cable box
1 2 STMicroelectronics
CXA1940N4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl