Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB10090 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SPB10090
Description  2 X 100A SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SPB10090 Datasheet(HTML) 2 Page - Microsemi Corporation

  SPB10090 Datasheet HTML 1Page - Microsemi Corporation SPB10090 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - SPB10090

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SPB10015 MICROSEMI-SPB10015 Datasheet
128Kb / 2P
   2 X 100A SCHOTTKY BARRIER RECTIFIER
SPB10035 MICROSEMI-SPB10035 Datasheet
131Kb / 2P
   2 X 100A SCHOTTKY BARRIER RECTIFIER
SPB10040 MICROSEMI-SPB10040 Datasheet
131Kb / 2P
   2 X 100A SCHOTTKY BARRIER RECTIFIER
SPB10045 MICROSEMI-SPB10045 Datasheet
131Kb / 2P
   2 X 100A SCHOTTKY BARRIER RECTIFIER
logo
Bourns Electronic Solut...
SPB1005 BOURNS-SPB1005 Datasheet
759Kb / 4P
   Power Bead Inductors
Mar 31, 2015
More results

Similar Description - SPB10090

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SPB10035 MICROSEMI-SPB10035 Datasheet
131Kb / 2P
   2 X 100A SCHOTTKY BARRIER RECTIFIER
SPB10015 MICROSEMI-SPB10015 Datasheet
128Kb / 2P
   2 X 100A SCHOTTKY BARRIER RECTIFIER
SPB16035 MICROSEMI-SPB16035 Datasheet
135Kb / 2P
   2 X 160A SCHOTTKY BARRIER RECTIFIER
SPB16080 MICROSEMI-SPB16080 Datasheet
130Kb / 2P
   2 X 160A SCHOTTKY BARRIER RECTIFIER
SPB8080 MICROSEMI-SPB8080_10 Datasheet
120Kb / 2P
   4 X 80A Schottky Barrier Rectifier
SPB8080 MICROSEMI-SPB8080 Datasheet
142Kb / 2P
   4 X 80A SCHOTTKY BARRIER RECTIFIER
SPB8035 MICROSEMI-SPB8035 Datasheet
120Kb / 2P
   4 X 80A Schottky Barrier Rectifier
logo
Vishay Siliconix
80CPQ150PBF VISHAY-80CPQ150PBF Datasheet
155Kb / 7P
   Schottky Rectifier, 2 x 40 A
Revision: 13-Aug-08
25CTQ035SPBF VISHAY-25CTQ035SPBF_10 Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 12-Mar-10
30L30CT-1PBF VISHAY-30L30CT-1PBF_10 Datasheet
127Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 05-Oct-10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com