Part Name
         Description
SCA3000-E02

 3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE ( 4 Page)


VTI
100% 
Zoom Out Zoom In
   
 4 page
background image
SCA3000-E02
VTI Technologies Oy
PRELIMINARY - Subject to changes
4/4
www.vti.fi
Doc. Nr. 8256000A.01
Rev.A.01
Figure 5
Application schematic
Pin #
Name
Function
1
NC
Not connected
2
XRESET
External reset, active low
3
INT
Interrupt output
4
CLK
Digital ground
5
DVSS
Digital ground
6
DVDD
Digital supply
7
DVIO
Digital I/O supply
8
CSB
Not connected
9
NC
Not connected
10
NC
Not connected
11
SCK_SCL
I
2C clock (SCL)
12
MISO_SDA
I
2C data (SDA)
13
MOSI
Not connected
14
AVDD
Analog supply
15
AVSS
Analog ground
16
AVSS
Analog ground
17
ATSTIO
Not connected
18
NC
Not connected
Table 1
Pin descriptions
Document Change Control
Rev.
Date
Change Description
A
21-Apr-06
1
st official release
A.01
13-Jun-06
Dimensions updated
1  2  3  4 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SCA3000-D023-AXIS LOW POWER ACCELEROMETER WITH DIGITAL I2C INTERFACE 1 2 3 4 VTI technologies
SCA3000-E013-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies
SCA3000-D013-AXIS LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 4 VTI technologies
SCA810-D01SINGLE AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 VTI technologies
SCA820-D03SINGLE AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 VTI technologies
SCA830-D05SINGLE AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 VTI technologies
ADS8329LOW POWER 16-BIT 1-MHz SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE 1 2 3 4 5 MoreTexas Instruments
SCA2100-D012-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 VTI technologies
SCA2110-D032-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE 1 2 3 VTI technologies
ADS850716-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE 1 2 3 4 5 MoreTexas Instruments

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl