Electronic Components Datasheet Search |
|
AIAS-03-392K Datasheet(PDF) 4 Page - Abracon Corporation |
|
AIAS-03-392K Datasheet(HTML) 4 Page - Abracon Corporation |
4 / 4 page PART L Q L SRF DCR IDC NUMBER (µH) (MIN) Test (MIN) Ω (mA) (MHz) ( MHz) (MAX) ( MAX) AIAS-04-121K 120 65 0.79 11 2.45 311 AIAS-04-151K 150 65 0.79 10 2.79 294 AIAS-04-181K 180 65 0.79 10 3.08 277 AIAS-04-221K 220 65 0.79 9.4 3.48 251 AIAS-04-271K 270 65 0.79 8.0 4.55 231 AIAS-04-331K 330 65 0.79 7.3 5.10 215 AIAS-04-391K 390 65 0.79 6.9 5.62 205 AIAS-04-471K 470 70 0.79 6.5 6.45 192 AIAS-04-561K 560 70 0.79 6.0 8.00 174 AIAS-04-681K 680 75 0.79 5.6 8.85 163 AIAS-04-821K 820 70 0.79 4.8 10.4 151 AIAS-04-102K 1000 65 0.79 4.5 12.1 139 AIAS-04-122K 1200 70 0.25 2.6 15.1 125 AIAS-04-152K 1500 70 0.25 2.5 16.8 119 AIAS-04-182K 1800 70 0.25 2.3 19.1 111 AIAS-04-222K 2200 70 0.25 2.2 22.0 103 AIAS-04-272K 2700 70 0.25 2.1 25.1 97 AIAS-04-332K 3300 70 0.25 2.0 33.3 85 PART L Q L SRF DCR IDC NUMBER (µH) (MIN) Test (MIN) Ω (mA) (MHz) (MHz) (MAX ) (MAX) AIAS-04-392K 3900 70 0.25 1.8 36.8 80 AIAS-04-472K 4700 70 0.25 1.7 51.2 68 AIAS-04-652K 6500 70 0.25 1.6 54.6 66 AIAS-04-682K 6800 70 0.25 1.5 62.0 62 AIAS-04-822K 8200 70 0.25 1.4 86.6 52 AIAS-04-103K 10000 70 0.25 1.3 93.1 50 AIAS-04-123K 12000 50 0.25 0.88 84.0 53 AIAS-04-153K 15000 50 0.079 0.78 97.0 49 AIAS-04-183K 18000 50 0.079 0.72 104 48 AIAS-04-223K 22000 50 0.079 0.57 145 40 AIAS-04-273K 27000 50 0.079 0.46 195 34 AIAS-04-333K 33000 50 0.079 0.42 222 32 AIAS-04-393K 39000 50 0.079 0.42 242 31 AIAS-04-473K 47000 50 0.079 0.37 317 27 AIAS-04-563K 56000 50 0.079 0.36 362 25 AIAS-04-683K 68000 50 0.079 0.35 410 24 AIAS-04-823K 82000 50 0.079 0.34 440 23 AIAS-04-104K 100000 50 0.079 0.32 484 22 ABRACON IS ISO 9001 / QS 9000 CERTIFIED 30332 Esperanza, Rancho Santa Margarita, California 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com THROUGH-HOLE MOLDED SHIELDED INDUCTORS THROUGH-HOLE MOLDED SHIELDED INDUCTORS THROUGH-HOLE MOLDED SHIELDED INDUCTORS AIAS-04 SERIES ||||||||||||||| PHYSICAL CHARACTERISTICS: STANDARD SPECIFICATIONS: TECHNICAL INFORMATION: • Inductance (L) tolerance: j = 5%, k = 10%, m = 20% • Letter suffix indicates standard tolerance • Current rating at which inductance (L) drops 10% • Operating temperature -55°C to +85°C • Storage temperature -55°C to +125°C • Dimensions: inches / mm; see spec sheet for tolerance limits • Marking per EIA 4-band color code Note: All specifications subject to change without notice. 1.16 (4,06) 0.020 (0,51) 0.45 (11,41) 1.15 (29,21) |
Similar Part No. - AIAS-03-392K |
|
Similar Description - AIAS-03-392K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |