|
| TAN250A |
|
||
|
GHZTECH |
|
3 page
|
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| DME500 | 500 Watts 50 Volts Pulsed Avionics 1025 - 1150 MHz high power COMMON BASE bipolar transistor. | 1 2 3 | GHz Technology |
| JTDA50 | High power COMMON BASE bipolar transistor. | 1 | GHz Technology |
| JTDB25 | High power COMMON BASE bipolar transistor. | 1 2 | GHz Technology |
| JTDB75 | High power COMMON BASE bipolar transistor. | 1 2 3 | GHz Technology |
| MDS1100 | a high power COMMON BASE bipolar transistor. | 1 2 3 4 | Microsemi Corporation |
| MS2473 | high power COMMON BASE bipolar transistor. | 1 2 | Microsemi Corporation |
| MDS500L | high power COMMON BASE bipolar transistor | 1 2 3 4 | Microsemi Corporation |
| 2STW1695 | High power PNP epitaxial planar bipolar transistor | 1 2 3 4 5 More | STMicroelectronics |
| 2STW4468 | High power NPN epitaxial planar bipolar transistor | 1 2 3 4 5 More | STMicroelectronics |
| ITC1100 | Common base bipolar transistor 1000 WATT 50V Pulsed | 1 2 | GHz Technology |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |