Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5630T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA5630T
Description  9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5630T Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA5630T Datasheet HTML 1Page - NXP Semiconductors TDA5630T Datasheet HTML 2Page - NXP Semiconductors TDA5630T Datasheet HTML 3Page - NXP Semiconductors TDA5630T Datasheet HTML 4Page - NXP Semiconductors TDA5630T Datasheet HTML 5Page - NXP Semiconductors TDA5630T Datasheet HTML 6Page - NXP Semiconductors TDA5630T Datasheet HTML 7Page - NXP Semiconductors TDA5630T Datasheet HTML 8Page - NXP Semiconductors TDA5630T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1996 Mar 21
4
Philips Semiconductors
Product specification
9 V VHF, hyperband and UHF
mixer/oscillator for TV and VCR 3-band tuners
TDA5630;
TDA5631
PINNING
SYMBOL
PIN
DESCRIPTION
TDA5630
TDA5631
CIN1
1
20
band C input 1
CIN2
2
19
band C input 2
RFGND
3
18
ground for RF inputs
BIN1
4
17
band B input 1
BIN2
5
16
band B input 2
AIN
6
15
band A input
VP
7
14
supply voltage
LOOUT1
8
13
local oscillator amplifier output 1
LOOUT2
9
12
local oscillator amplifier output 2
BS
10
11
band switch input
IFOUT1
11
10
IF amplifier output 1
IFOUT2
12
9
IF amplifier output 2
GND
13
8
ground (0 V)
BOSCOC
14
7
band B oscillator output collector
COSCOC1
15
6
band C oscillator output collector 1
BOSCIB
16
5
band B oscillator input base
COSCOC2
17
4
band C oscillator output collector 2
AOSCOC
18
3
band A oscillator output collector
COSCIB
19
2
band C oscillator input base
AOSCIB
20
1
band A oscillator input base
Fig.2 Pin configuration (TDA5630).
handbook, halfpage
TDA5630
MGD265
1
2
3
4
5
6
7
8
9
10
CIN1
CIN2
RFGND
BIN1
BIN2
AIN
VP
LOOUT1
LOOUT2
BS
AOSCIB
COSCIB
AOSCOC
COSCOC2
BOSCIB
COSCOC1
BOSCOC
GND
IFOUT2
IFOUT1
20
19
18
17
16
15
14
13
12
11
Fig.3 Pin configuration (TDA5631).
handbook, halfpage
TDA5631
MGD266
1
2
3
4
5
6
7
8
9
10
CIN1
CIN2
RFGND
BIN1
BIN2
AIN
VP
LOOUT1
LOOUT2
BS
AOSCIB
COSCIB
AOSCOC
COSCOC2
BOSCIB
COSCOC1
BOSCOC
GND
IFOUT2
IFOUT1
20
19
18
17
16
15
14
13
12
11


Similar Part No. - TDA5630T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
More results

Similar Description - TDA5630T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com