Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASTC-17-3 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASTC-17-3
Description  SMT POWER INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTC-17-3 Datasheet(HTML) 1 Page - Abracon Corporation

  ASTC-17-3 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMT POWER INDUCTOR
SMT POWER INDUCTOR
SMT POWER INDUCTOR
ASTC-17 SERIES
|||||||||||||||
PARALLEL CONNECTION
Part
L (µH)
Full load
DCR Max
DC Bias
Number
± 20%
Inductance
Parallel
Parallel
0ADC
(µH) ±20%
(mΩ)
(A)
ASTC-17-1
9.5
4.52
4.8
19
ASTC-17-2
7.2
3.20
3.5
24
ASTC-17-3
5.1
2.45
2.5
27
ASTC-17-4
3.5
1.60
1.6
34
ASTC-17-5
2.1
1.10
1.3
38
SERIES CONNECTION
Part
L (µH)
Full load
DCR Max
DC Bias
Number
± 20%
Inductance
Series
Series
0ADC
(µH) ±20%
(mΩ)
(A)
ASTC-17-1
38.0
18.1
19.3
9.5
ASTC-17-2
28.7
12.8
13.8
12.0
ASTC-17-3
20.4
9.8
10.1
13.5
ASTC-17-4
13.8
6.4
6.4
17.0
ASTC-17-5
8.4
4.3
5.1
19.0
STANDARD SPECIFICATIONS:
PHYSICAL CHARACTERISTICS:
TECHNICAL INFORMATION:
• Temperature rise is 55°C typical @ rated IDC
• Inductance test @ 100KHz, 0.1VRMS
• Add -T for tape and reel
Dimension: inch
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


Similar Part No. - ASTC-17-3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTC-12 ABRACON-ASTC-12 Datasheet
205Kb / 1P
   SMT TOROID CHOKE
ASTC-12-101-1.23 ABRACON-ASTC-12-101-1.23 Datasheet
205Kb / 1P
   SMT TOROID CHOKE
ASTC-12-10R4-3.8 ABRACON-ASTC-12-10R4-3.8 Datasheet
205Kb / 1P
   SMT TOROID CHOKE
ASTC-12-14R6-3.13 ABRACON-ASTC-12-14R6-3.13 Datasheet
205Kb / 1P
   SMT TOROID CHOKE
ASTC-12-151-0.99 ABRACON-ASTC-12-151-0.99 Datasheet
205Kb / 1P
   SMT TOROID CHOKE
More results

Similar Description - ASTC-17-3

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ1055 DELTA-SIQ1055 Datasheet
211Kb / 1P
   SMT Power Inductor
SIQ126R DELTA-SIQ126R Datasheet
327Kb / 1P
   SMT Power Inductor
SIL530 DELTA-SIL530 Datasheet
92Kb / 1P
   SMT Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com