Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCN102RBI820KF7 Datasheet(PDF) 4 Page - Bi technologies

Part # BCN102RBI820KF7
Description  Thick Film Chip Resistor Arrays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BCN102RBI820KF7 Datasheet(HTML) 4 Page - Bi technologies

  BCN102RBI820KF7 Datasheet HTML 1Page - Bi technologies BCN102RBI820KF7 Datasheet HTML 2Page - Bi technologies BCN102RBI820KF7 Datasheet HTML 3Page - Bi technologies BCN102RBI820KF7 Datasheet HTML 4Page - Bi technologies BCN102RBI820KF7 Datasheet HTML 5Page - Bi technologies BCN102RBI820KF7 Datasheet HTML 6Page - Bi technologies BCN102RBI820KF7 Datasheet HTML 7Page - Bi technologies BCN102RBI820KF7 Datasheet HTML 8Page - Bi technologies BCN102RBI820KF7 Datasheet HTML 9Page - Bi technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4-8
Model BCN Series
OUTLINE DIMENSIONS (Inch/mm)
W
H
B
P
'L'
(BCN 4D, BCN 16 4A)
Scalloped Edge: Models BCN 4D, BCN 16 4A
Square Edge: Models BCN 4D, BCN 104, BCN 16 4AB, BCN 31
'L'
(BCN 31)
W
'L'
(BCN 4D, BCN 104,
BCN 16 4AB)
H
H
B
P
Solder
Termination
BCN 4D
BCN 104
BCN 31
.210
±.008
5.34
±0.20
.079
±.008
2.00
±0.20
.126
±.004
3.2
±0.10
.252
±.004
6.40
±0.20
.122
±.008
3.10
±0.20
.039
±.006
1.00
±0.15
.063
±.004
1.60
±0.10
.122
±.004
3.10
±0.20
.022
±.004
0.55
±0.10
.014
±.004
0.35
±0.10
.020
±.004
0.50
±0.10
.022
±.004
0.55
±0.10
.050
±.008
1.27
±0.20
.020
±.006
0.50
±0.15
.031
±.002
0.80
±0.05
.050
±.002
1.27
±0.051
.030
±.008
0.80
±0.20
.012
±.006
0.30
±0.15
.020
±.004
0.50
±0.10
.032
±.004
0.80
±0.10
.012
±.008
0.30
±0.20
.010
±.004
0.25
±0.10
.009
±.005
0.229
±0.127
.012
±.004
0.30
±0.10
LW
H
P
B
C
Exterior Termination (Convex)
C
C
BCN 16 4A
& AB


Similar Part No. - BCN102RBI820KF7

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
BCN10 TTELEC-BCN10 Datasheet
623Kb / 9P
   Thick Film Chip Arrays
logo
List of Unclassifed Man...
BCN104AB330J7 ETC2-BCN104AB330J7 Datasheet
762Kb / 11P
   Sulphur resistant version available
More results

Similar Description - BCN102RBI820KF7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNC22JTN102 ETC-CNC22JTN102 Datasheet
902Kb / 8P
   Thick Film Chip Resistor Arrays
CNC24JTN102 ETC-CNC24JTN102 Datasheet
939Kb / 8P
   Thick Film Chip Resistor Arrays
CNC34JTN102 ETC-CNC34JTN102 Datasheet
952Kb / 8P
   Thick Film Chip Resistor Arrays
CNCR24JTN102 ETC-CNCR24JTN102 Datasheet
934Kb / 8P
   Thick Film Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT25 BOURNS-CAT25 Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
   Thick Film Chip Resistor Arrays
logo
American Accurate Compo...
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
logo
Bourns Electronic Solut...
CAT25-273JALF BOURNS-CAT25-273JALF Datasheet
210Kb / 2P
   CAT25 - Thick Film Chip Resistor Arrays
CAT25-474JALF BOURNS-CAT25-474JALF Datasheet
229Kb / 3P
   CAT25 - Thick Film Chip Resistor Arrays
CAT25-104JALF BOURNS-CAT25-104JALF Datasheet
210Kb / 2P
   CAT25 - Thick Film Chip Resistor Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com