Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HWZT-MS Datasheet(PDF) 2 Page - Abracon Corporation

Part # HWZT-MS
Description  INDUSTRIAL GRADE CERAMIC RESONATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

HWZT-MS Datasheet(HTML) 2 Page - Abracon Corporation

  HWZT-MS Datasheet HTML 1Page - Abracon Corporation HWZT-MS Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INDUSTRIAL GRADE CERAMIC RESONATOR
|||||||||||||||
HWZT-MS
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.16.07
Visit www.abracon.com for Terms & Conditions of Sale
Size Varies
RoHS
Compliant
Pb in ceramic
(exempt per RoHS 2002/95/EC Annex (7))
Dimensions: mm
OUTLINE DRAWING:
TAPE & REEL: T = Tape and reel 1,000pcs/reel
Dimensions: mm
00 . 0 m a x .


Similar Part No. - HWZT-MS

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
HWZT-MA ABRACON-HWZT-MA Datasheet
719Kb / 2P
   INDUSTRIAL GRADE CERAMIC RESONATOR
07.16.07
HWZT-MD ABRACON-HWZT-MD Datasheet
1Mb / 2P
   LEADED CERAMIC RESONATOR
09.23.08
More results

Similar Description - HWZT-MS

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWCR-MD ABRACON-AWCR-MD Datasheet
322Kb / 2P
   INDUSTRIAL GRADE CERAMIC RESONATOR
07.16.07
AWSZT-MS ABRACON-AWSZT-MS Datasheet
421Kb / 2P
   INDUSTRIAL GRADE CERAMIC RESONATOR
07.16.07
AWCR-MS ABRACON-AWCR-MS Datasheet
343Kb / 2P
   INDUSTRIAL GRADE CERAMIC RESONATOR
07.16.07
AWSZT-MR ABRACON-AWSZT-MR Datasheet
163Kb / 2P
   INDUSTRIAL GRADE CERAMIC RESONATOR
07.26.07
AWSZT-MC ABRACON-AWSZT-MC Datasheet
182Kb / 2P
   INDUSTRIAL GRADE CERAMIC RESONATOR
07.26.07
AWSZT-MW ABRACON-AWSZT-MW Datasheet
174Kb / 2P
   INDUSTRIAL GRADE CERAMIC RESONATOR
07.26.07
AWCR-MA ABRACON-AWCR-MA Datasheet
354Kb / 2P
   INDUSTRIAL GRADE CERAMIC RESONATOR
07.16.07
AWSZT-MV ABRACON-AWSZT-MV Datasheet
414Kb / 2P
   INDUSTRIAL GRADE CERAMIC RESONATOR
07.16.07
HWZT-MA ABRACON-HWZT-MA Datasheet
719Kb / 2P
   INDUSTRIAL GRADE CERAMIC RESONATOR
07.16.07
AWSCR-3.58CP-T ABRACON-AWSCR-3.58CP-T Datasheet
723Kb / 4P
   3-PAD INDUSTRIAL GRADE CERAMIC RESONATOR
12.19.2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com