Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM73-10R10LF Datasheet(PDF) 1 Page - Bi technologies

Part # HM73-10R10LF
Description  Shielded Low Profile Surface Mount Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM73-10R10LF Datasheet(HTML) 1 Page - Bi technologies

  HM73-10R10LF Datasheet HTML 1Page - Bi technologies HM73-10R10LF Datasheet HTML 2Page - Bi technologies HM73-10R10LF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
76
HM73-10R10LF
0.10
0.09
22.0
26.7
38.0
1.4
1.65
.138/3.50
2
HM73-10R10LLF
0.10
0.09
22.0
28.0
38.0
1.2
1.40
.124/3.15
1
HM73-10R20LF
0.22
0.20
17.0
23.0
23.0
1.8
2.10
.138/3.50
2
HM73-10R20LLF
0.22
0.20
17.0
23.0
23.0
1.8
2.10
.124/3.15
1
HM73-10R47LF
0.47
0.42
15.0
19.2
23.0
2.7
3.16
.158/4.00
1
HM73-10R68LF
0.68
0.64
12.0
14.9
28.0
4.5
5.20
.158/4.00
1
HM73-101R0LF
1.00
1.00
8.5
14.9
15.0
5.2
7.00
.158/4.00
1
HM73-101R0LLF
1.00
0.90
6.0
10.9
18.0
8.4
8.80
.126/3.20
1
HM73-101R5LF
1.50
1.30
6.5
12.7
11.0
6.2
8.30
.177/4.50
1
HM73-102R0LF
2.00
1.70
8.0
11.8
11.0
7.2
8.30
.177/4.50
1
HM73-106R0LF
6.00
5.00
4.8
6.0
4.8
26
30.0
.197/5.00
1
HM73-106R4LF
6.40
5.80
3.5
6.0
6.0
26
30.0
.197/5.00
1
HM73-12R68LF
0.68
0.60
16.0
20.0
30.0
2.7
3.20
.197/5.00
1
HM73-15R10LF
0.108
0.103
30.0
40.8
51.0
0.6
0.70
.185/4.70
1
HM73-15R20LF
0.20
0.17
21.0
35.3
40.0
0.8
0.90
.158/4.00
1
HM73-15R47LF
0.47
0.42
17.0
26.7
35.0
1.4
1.55
.158/4.00
1
HM73-15R70LF
0.70
0.65
16.0
27.7
30.0
1.3
1.50
.220/5.60
1
HM73-151R0LF
1.00
0.95
10.0
22.0
34.0
2.0
2.20
.220/5.60
1
HM73-151R2LF
1.20
1.07
14.0
23.0
23.0
2.0
2.30
.232/5.90
1
HM73-151R5LF
1.50
1.33
10.0
22.9
25.0
1.90
2.20
.216/5.50
1
HM73-152R2LF
2.20
2.10
8.0
16.1
13.0
3.85
4.60
.216/5.50
1
HM73-154R7LF
4.70
3.50
10.0
15.6
16.0
4.80
5.00
.288/7.30
1
HM73-201R0LF
1.00
0.91
16.0
18.8
32.0
2.8
3.30
.177/4.50
1
HM73-201R5LF
1.50
1.43
13.0
16.4
22.0
3.7
4.40
.177/4.50
1
HM73-30R60LF
0.60
0.54
27.0
30.1
40.0
1.1
1.25
.216/5.50
1
HM73-301R0LF
1.00
0.89
23.0
25.8
34.0
1.5
1.70
.216/5.50
1
HM73-301R5LF
1.50
1.25
18.0
22.9
30.0
1.9
2.30
.216/5.50
1
HM73-302R2LF
2.20
2.00
12.0
15.0
24.0
4.4
5.10
.216/5.50
1
HM73-303R9LF
3.90
3.60
10.0
13.7
18.0
5.7
7.20
.216/5.50
1
HM73-304R6LF
4.60
4.10
9.0
12.4
14.0
6.5
8.30
.216/5.50
1
HM73-316R4LF
6.40
5.65
6.5
7.8
16.0
16.6
25.00
.197/5.00
2
HM73-318R2LF
8.20
7.72
5.6
7.3
16.0
18.8
26.00
.197/5.00
2
HM73-31100LF
10.0
8.90
6.0
6.9
10.0
20.8
26.00
.197/5.00
2
HM73-40R15LF
0.15
0.13
40.0
44.7
80.0
0.5
0.55
.256/6.50
1
HM73-40R30LF
0.30
0.27
40.0
40.8
73.0
0.5
0.65
.256/6.50
1
HM73-40R40LF
0.40
0.37
40.0
40.0
61.0
0.65
1.00
.256/6.50
1
HM73-40R50LF
0.50
0.46
40.0
40.0
49.0
0.8
1.00
.256/6.50
1
HM73-40R90LF
0.90
0.80
25.0
28.8
40.0
1.2
1.40
.256/6.50
1
HM73-402R2LF
2.20
1.90
15.0
20.8
27.0
2.3
2.60
.256/6.50
1
HM73-509R1LF
9.10
7.40
8.0
10.5
15.0
9.1
10.8
.295/7.50
1
HM73-50100LF
10.0
8.49
8.0
10.2
15.0
9.6
11.4
.295/7.50
1
• Operating Temperature Range
-40°C to +155°C
• Ambient Temperature, Maximum
80°C
• Temperature Rise, Maximum
50°C

Electrical / Environmental
Shielded Low Profile Surface Mount Inductors
Inductance
Irated
(1)
Isat (3)
100 kHz 0.1V
Rated
Heating(2)
Saturation
DC Resistance
Height
Part
@ O Adc
@ Irated
Current
Current
Current
m
m
Inch/mm
Number
µH ±20%
µH Typ.
Amps
Amps
Amps
Typ.
Max.
Max.
Figure
Specifications @ 25°C
RoHS
Compliant


Similar Part No. - HM73-10R10LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM73-10R10LF BITECH-HM73-10R10LF Datasheet
306Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
TT Electronics.
HM73-10R10LF TTELEC-HM73-10R10LF Datasheet
330Kb / 3P
   Shielded Low Profile Surface Mount Inductors
More results

Similar Description - HM73-10R10LF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73_15 Datasheet
306Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM73 ETC1-HM73 Datasheet
370Kb / 3P
   Shielded Low Profile Surface Mount Inductors
HM66 ETC-HM66 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
TT Electronics.
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
Bi technologies
HM66 BITECH-HM66_15 Datasheet
362Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
HM70 BITECH-HM70 Datasheet
721Kb / 3P
   High Power Shielded Low Profile Surface Mount Inductors
logo
TT Electronics.
HM70 TTELEC-HM70 Datasheet
698Kb / 3P
   High Power Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com