Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2100 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # UM2100
Description  ATTENUATOR AND POWER PIN DIODES (2-30 MHz)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UM2100 Datasheet(HTML) 5 Page - Microsemi Corporation

  UM2100_05 Datasheet HTML 1Page - Microsemi Corporation UM2100_05 Datasheet HTML 2Page - Microsemi Corporation UM2100_05 Datasheet HTML 3Page - Microsemi Corporation UM2100_05 Datasheet HTML 4Page - Microsemi Corporation UM2100_05 Datasheet HTML 5Page - Microsemi Corporation UM2100_05 Datasheet HTML 6Page - Microsemi Corporation UM2100_05 Datasheet HTML 7Page - Microsemi Corporation UM2100_05 Datasheet HTML 8Page - Microsemi Corporation UM2100_05 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Microsemi
Page 5
Copyright
 2005
Rev. 0, 2005-12-13
UM2100
ATTENUATOR AND POWER PIN DIODES (2-30 MHz)
0.0
0.5
1.0
1.5
Vf (V)
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
MEAN If VERSUS Vf CURVE VERSUS TEMPERATURE
TYPICAL
-----25C
--------------75C
---------------100C
---------------125C
150C------------


Similar Part No. - UM2100_05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM2100 MICROSEMI-UM2100_09 Datasheet
299Kb / 6P
   ATTENUATOR AND POWER PIN DIODES 2 ??30 MHz
More results

Similar Description - UM2100_05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM2100 MICROSEMI-UM2100_09 Datasheet
299Kb / 6P
   ATTENUATOR AND POWER PIN DIODES 2 ??30 MHz
logo
Skyworks Solutions Inc.
SMP1302 SKYWORKS-SMP1302 Datasheet
458Kb / 5P
   Switch and Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1302 ALPHA-SMP1302 Datasheet
496Kb / 3P
   Switch and Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1302 SKYWORKS-SMP1302_15 Datasheet
1Mb / 11P
   Switch and Attenuator Plastic Packaged PIN Diodes
logo
Microsemi Corporation
UM4300 MICROSEMI-UM4300_09 Datasheet
301Kb / 5P
   SWITCHING / ATTENUATOR PIN DIODES
logo
Skyworks Solutions Inc.
SMP1302-074LF SKYWORKS-SMP1302-074LF Datasheet
1Mb / 14P
   SMP1302 Series Switch and Attenuator Plastic Packaged PIN Diodes
logo
DAICO Industries, Inc.
DA0351 DAICO-DA0351 Datasheet
143Kb / 1P
   PIN Diode 2 Section Attenuator
logo
Siemens Semiconductor G...
BAR60 SIEMENS-BAR60 Datasheet
77Kb / 4P
   Silicon PIN Diodes (RF switch RF attenuator for frequencies above 10 MHz)
logo
Skyworks Solutions Inc.
SMP1304 SKYWORKS-SMP1304 Datasheet
374Kb / 6P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1304-005 ALPHA-SMP1304-005 Datasheet
500Kb / 4P
   Low Distortion Attenuator Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com