Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM7500 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # UM7500
Description  POWER PIN DIODES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UM7500 Datasheet(HTML) 2 Page - Microsemi Corporation

  UM7500_05 Datasheet HTML 1Page - Microsemi Corporation UM7500_05 Datasheet HTML 2Page - Microsemi Corporation UM7500_05 Datasheet HTML 3Page - Microsemi Corporation UM7500_05 Datasheet HTML 4Page - Microsemi Corporation UM7500_05 Datasheet HTML 5Page - Microsemi Corporation UM7500_05 Datasheet HTML 6Page - Microsemi Corporation UM7500_05 Datasheet HTML 7Page - Microsemi Corporation UM7500_05 Datasheet HTML 8Page - Microsemi Corporation UM7500_05 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Microsemi
Page 2
Copyright
 2005
Rev. 0, 2005-11-03
UM7500
POWER PIN DIODES
Style “B”
Style “SM”
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
If (A)
-1
10
0
10
1
10
2
10
3
10
UM7500
TYPICAL
F = 100 MHz
ELECTRICAL PARAMETERS @ 25°C (unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYPICAL
MAX.
Units
Total Capacitance
CT
VR=100V, F= 1 MHz
0.8
1.0
pF
Series Resistance
RS
If = 50 mA, F= 100 MHz
0.8
1.0
Ohms
Parallel Resistance
Rp
VR = 100 V, F = 100 MHz
100k
150k
Ohms
Parallel Resistance
Rp
VR = 0 V, F = 100 MHz
10k
15k
Ohms
Carrier Lifetime
τ
IF = 10 mA
2.5
3.5
µs
Reverse Current
IR
VR = Voltage rating
0.1
0.5
µA
I-Region Width
W
-
100
µm
Forward Voltage
VF
IF= 50 mA
0.8
1.0
Forward Bias Harmonic Distortion
(R2a/a,R3a/a)
100 MHz, P=30W, IF=50mA
80
90
dBc
Reverse Bias Harmonic Distortion
(R2a/a,R3a/a)
100 MHz, P=0dBm,VR=0V
60
70
dBc


Similar Part No. - UM7500_05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM7500 MICROSEMI-UM7500 Datasheet
132Kb / 3P
   PIN DIODE
More results

Similar Description - UM7500_05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM6000 MICROSEMI-UM6000_06 Datasheet
325Kb / 10P
   POWER PIN DIODES
UM4000 MICROSEMI-UM4000_09 Datasheet
505Kb / 6P
   HIGH POWER PIN DIODES
UM4000 MICROSEMI-UM4000_05 Datasheet
931Kb / 12P
   HIGH POWER PIN DIODES
logo
M/A-COM Technology Solu...
MA4P1200-401T MA-COM-MA4P1200-401T Datasheet
1Mb / 12P
   High Power PIN Diodes
PIN-HIPAX-SERIES MA-COM-PIN-HIPAX-SERIES Datasheet
1Mb / 12P
   High Power PIN Diodes
logo
Microsemi Corporation
UM7204B MICROSEMI-UM7204B Datasheet
322Kb / 7P
   HIGH POWER PIN DIODES
logo
M/A-COM Technology Solu...
MA4P MA-COM-MA4P Datasheet
2Mb / 13P
   High Power PIN Diodes
logo
Microsemi Corporation
UM7000 MICROSEMI-UM7000_09 Datasheet
335Kb / 7P
   HIGH POWER PIN DIODES
logo
Skyworks Solutions Inc.
SMP1324-087LF SKYWORKS-SMP1324-087LF Datasheet
1Mb / 12P
   High Power PIN Diodes
logo
List of Unclassifed Man...
MA4P7006F-1072T ETC-MA4P7006F-1072T Datasheet
1Mb / 12P
   High Power PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com