Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D4BS-5AFS Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D4BS-5AFS
Description  Safety-door Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4BS-5AFS Datasheet(HTML) 1 Page - Omron Electronics LLC

  D4BS-5AFS Datasheet HTML 1Page - Omron Electronics LLC D4BS-5AFS Datasheet HTML 2Page - Omron Electronics LLC D4BS-5AFS Datasheet HTML 3Page - Omron Electronics LLC D4BS-5AFS Datasheet HTML 4Page - Omron Electronics LLC D4BS-5AFS Datasheet HTML 5Page - Omron Electronics LLC D4BS-5AFS Datasheet HTML 6Page - Omron Electronics LLC D4BS-5AFS Datasheet HTML 7Page - Omron Electronics LLC D4BS-5AFS Datasheet HTML 8Page - Omron Electronics LLC D4BS-5AFS Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
D-104
Safety Sensors / Components
Safety-door Switch
D4BS
Safety-door Switch’s Special Operation
Key Directly Pulls Apart the Contacts
from Each Other and Contributes to the
Safety of the Production Site
• Conforms to EN (TÜV) standards corresponding to
the CE marking.
• Approved by UL, CSA, BIA, and SUVA standards.
• The switch contact is opened by a direct opening
mechanism (NC contacts only) when the protective
cover is opened. The EN-approved direct opening
mechanism is indicated by
on the Switch.
• Degree of protection of the switch box: IP67
(EN60947-5-1).
• Series includes models with gold-plated contacts for
handling the micro-load range.
• Metric conduit types available.
Model Number Structure
Model Number Legend
Ordering Information
List of Models
Switches
Type
Mounting direction
Conduit size
1NC/1NO
(Slow-action)
2NC (Slow-action)
1-conduit
Front-side
mounting
Pg13.5
D4BS-15FS
D4BS-1AFS
G1/2
D4BS-25FS
D4BS-2AFS
M20
D4BS-45FS
D4BS-4AFS
3-conduit
Pg13.5
D4BS-55FS
D4BS-5AFS
G1/2
D4BS-65FS
D4BS-6AFS
M20
D4BS-85FS
D4BS-8AFS
12
3
1
D4BS -
S
1. Conduit
D4BS - K
Switch
Operation Key
1. Operation Key Type
2. Built-in Switch
3. Head Mounting Direction
1: PG13.5 (1 conduit)
2: G1/2 (1 conduit)
3: 1/2-14NPT (1 conduit)
4: M20
5: PG13.5 (3-conduit)
6: G1/2 (3-conduit)
7: 1/2-14NPT (3-conduit)
8: M20 (3-conduit)
5: 1NC/1NO (slow-action)
6: 1NC/NO (slow-action), gold-plated contacts
A: 2NC (slow-action)
B: 2NC (slow-action), gold-plated contacts
F: Four mounting directions pos-
sible (front-side mounting at
shipping)
1: Horizontal mounting
2: Vertical mounting
3: Adjustable mounting (Horizontal)


Similar Part No. - D4BS-5AFS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D4BS-5AFS OMRON-D4BS-5AFS Datasheet
1Mb / 9P
   The Special Operation Key Activates a Direct Opening Mechanism to Open the Contacts
More results

Similar Description - D4BS-5AFS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
   Safety-Door Switch
logo
Omron Electronics LLC
D4NL OMRON-D4NL Datasheet
2Mb / 18P
   Guard Lock Safety-door Switch
D4BL OMRON-D4BL Datasheet
214Kb / 12P
   Guard Lock Safety-door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
   EK SERIES SAFETY DOOR SWITCH
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
logo
Omron Electronics LLC
D4SL-N OMRON-D4SL-N Datasheet
5Mb / 27P
   Worlds smallest Class 6-contact Guard Lock Safety-door Switch
D2D OMRON-D2D Datasheet
937Kb / 8P
   Door Interlock Switch
D2T OMRON-D2T_1 Datasheet
388Kb / 6P
   Door Interlock Switch
D3DC OMRON-D3DC Datasheet
529Kb / 6P
   Miniature Door Switch
D3D OMRON-D3D Datasheet
781Kb / 6P
   Miniature Door Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com