Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM9701 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # UM9701
Description  Low Resistance, Low Distortion, RF Switching PIN Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UM9701 Datasheet(HTML) 3 Page - Microsemi Corporation

  UM9701 Datasheet HTML 1Page - Microsemi Corporation UM9701 Datasheet HTML 2Page - Microsemi Corporation UM9701 Datasheet HTML 3Page - Microsemi Corporation UM9701 Datasheet HTML 4Page - Microsemi Corporation UM9701 Datasheet HTML 5Page - Microsemi Corporation UM9701 Datasheet HTML 6Page - Microsemi Corporation UM9701 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Microsemi
Page 3
Copyright
 2001
Rev. 0.02, 2006-04-27
UM9701
Low Resistance, Low Distortion, RF Switching PIN
Diode
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
FORWARD VOLTAGE (V)
0
10
1
10
2
10
TYPICAL DC CHARACTERISTIC
-1
10
0
10
1
10
2
10
REVERSE VOLTAGE (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TYPICAL CAPACITANCE CHARACTERISTIC
1 MHz
10 MHz
20 MHz
100 MHz


Similar Part No. - UM9701

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM9701 MICROSEMI-UM9701 Datasheet
143Kb / 4P
   PIN DIODE
logo
Microchip Technology
UM9701 MICROCHIP-UM9701 Datasheet
2Mb / 221P
   Product Change Notification
03-Jul-2020
UM9701B MICROCHIP-UM9701B Datasheet
2Mb / 221P
   Product Change Notification
03-Jul-2020
UM9701SM MICROCHIP-UM9701SM Datasheet
2Mb / 221P
   Product Change Notification
03-Jul-2020
More results

Similar Description - UM9701

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT18- SIEMENS-BAT18- Datasheet
39Kb / 2P
   Silicon RF Switching Diode (Low-loss VHF/UHF switch above 10 MHz Pin diode with low forward resistance)
logo
Broadcom Corporation.
HSMP-481B BOARDCOM-HSMP-481B Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3814-TR1G AVAGO-HSMP-3814-TR1G Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Broadcom Corporation.
HSMP-4810 BOARDCOM-HSMP-4810 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-3810 BOARDCOM-HSMP-3810 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-3812 BOARDCOM-HSMP-3812 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-381B BOARDCOM-HSMP-381B Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Agilent(Hewlett-Packard...
HSMP-381X HP-HSMP-381X Datasheet
153Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Skyworks Solutions Inc.
SMPA1320-079LF SKYWORKS-SMPA1320-079LF Datasheet
570Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diode
logo
Broadcom Corporation.
HSMP-381F BOARDCOM-HSMP-381F Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com