Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM73-5015R5LF Datasheet(PDF) 2 Page - Bi technologies

Part # HM73-5015R5LF
Description  Shielded Low Profile Surface Mount Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM73-5015R5LF Datasheet(HTML) 2 Page - Bi technologies

  HM73-5015R5LF Datasheet HTML 1Page - Bi technologies HM73-5015R5LF Datasheet HTML 2Page - Bi technologies HM73-5015R5LF Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
77
HM73-50120LF
12.0
10.59
7.0
8.7
13.0
13.0
15.0
.295/7.50
1
HM73-50140LF
14.0
12.00
5.5
9.5
10.0
11.0
13.2
.335/8.50
1
HM73-5015R5LF
15.5
13.00
5.0
9.9
10.0
15.0
18.2
.315/8.00
1
HM73-5020R9LF
20.9
17.00
4.5
8.0
8.0
16.0
19.0
.315/8.00
1
HM73-5026R5LF
26.5
22.50
4.6
7.0
8.8
21.0
25.2
.355/9.00
1
Notes:
(1) The rated current is the approximate current at which inductance will be decreased by 20% from its initial (zero DC) value.
(2) The Heating Current is the DC current which causes the component temperature to increase by approximately 50°C.
This current is determined by soldering the component on a typical application PCB, and then apply the current to the
component for 30 minutes.
(3) Isat is the saturation current at which inductance rolls off approximately 30% from its initial unbias inductance value.
(4) PC Board layout, proximity of other components, trace size and airflow will affect temperature rise and must be considered
when selecting an inductor.
Specifications @ 25°C (Cont’d)
Packaging
Standard: Embossed Tape & Reel
(1)
Case size 10, 10L & 12
Reel: Diameter:
7”(177.8mm)
13” (330.2mm)
Capacity:
=
250 Units
1000 Units
(2)
Other case sizes
Reel: Diameter: Case size 15, 20, 30, 31, 40, 50 = 13” (330.2mm)
Capacity : Case size 20, 30, 31, 40
=
400 Units
Case size 15
=
500 Units
Case size 50
=
250 Units
Ordering Information
Inductance Code:
First 2 digits are significant.
Last digit denotes the number
of trailing zeros. For values
below 10µH, “R“ denotes the
decimal point.
Case Size:
10, 31 = Figure 2
10, 10L, 12, 15, 20, 30, 40, 50 = Figure 1
Model Series
Tape & Reel Packing
7 – 7” reel
13 – 13” reel
Lead-Free
HM73
20
1R5
LF
TR13
Inductance
Irated
(1)
Isat (3)
100 kHz 0.1V
Rated
Heating(2)
Saturation
DC Resistance
Height
Part
@ O Adc
@ Irated
Current
Current
Current
m
m
Inch/mm
Number
µH ±20%
µH Typ.
Amps
Amps
Amps
Typ.
Max.
Max.
Figure


Similar Part No. - HM73-5015R5LF

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM73-5015R5LF BITECH-HM73-5015R5LF Datasheet
306Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
TT Electronics.
HM73-5015R5LF TTELEC-HM73-5015R5LF Datasheet
330Kb / 3P
   Shielded Low Profile Surface Mount Inductors
More results

Similar Description - HM73-5015R5LF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73_15 Datasheet
306Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM73 ETC1-HM73 Datasheet
370Kb / 3P
   Shielded Low Profile Surface Mount Inductors
HM66 ETC-HM66 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
TT Electronics.
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
Bi technologies
HM66 BITECH-HM66_15 Datasheet
362Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
HM70 BITECH-HM70 Datasheet
721Kb / 3P
   High Power Shielded Low Profile Surface Mount Inductors
logo
TT Electronics.
HM70 TTELEC-HM70 Datasheet
698Kb / 3P
   High Power Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com