Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5637BM Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA5637BM
Description  9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5637BM Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA5637BM Datasheet HTML 1Page - NXP Semiconductors TDA5637BM Datasheet HTML 2Page - NXP Semiconductors TDA5637BM Datasheet HTML 3Page - NXP Semiconductors TDA5637BM Datasheet HTML 4Page - NXP Semiconductors TDA5637BM Datasheet HTML 5Page - NXP Semiconductors TDA5637BM Datasheet HTML 6Page - NXP Semiconductors TDA5637BM Datasheet HTML 7Page - NXP Semiconductors TDA5637BM Datasheet HTML 8Page - NXP Semiconductors TDA5637BM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1996 Dec 02
3
Philips Semiconductors
Product specification
9 V VHF hyperband and UHF mixer/oscillator
for TV and VCR 3-band tuners
TDA5636B; TDA5637B
QUICK REFERENCE DATA
Note
1. The limits are related to the tank circuits used in Fig.17 and the intermediate frequency. Frequency bands may be
adjusted by the choice of external components.
ORDERING INFORMATION
Note
1. The TDA5636BT is available on request.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
9.0
V
IP
supply current
band A
43
mA
band B
39
mA
band C
42
mA
fRF
frequency range
RF input; band A; note 1
45
180
MHz
RF input; band B; note 1
160
470
MHz
RF input; band C; note 1
430
860
MHz
Gv
voltage gain
band A
25
dB
band B
36
dB
band C
36
dB
NF
noise figure
band A
7.5
dB
band B
6
dB
band C
7
dB
Vo
output voltage to get 1% cross
modulation in channel
band A
121
dB
µV
band B
120
dB
µV
band C
119
dB
µV
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA5636BT(1)
SO24
plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
TDA5636BM
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1
TDA5637BT
SO24
plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
TDA5637BM
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1


Similar Part No. - TDA5637BM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5637 PHILIPS-TDA5637 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5637M PHILIPS-TDA5637M Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5637T PHILIPS-TDA5637T Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
More results

Similar Description - TDA5637BM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5630BT PHILIPS-TDA5630BT Datasheet
146Kb / 24P
   9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
1996 Jun 06
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
TDA5732M PHILIPS-TDA5732M Datasheet
108Kb / 18P
   Low power VHF, UHF mixer/oscillator for TV and VCR 2-band tuners
1995 Mar 22
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com