Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5745 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA5745
Description  Low power mixers/oscillators for hyperband tuners
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5745 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA5745 Datasheet HTML 1Page - NXP Semiconductors TDA5745 Datasheet HTML 2Page - NXP Semiconductors TDA5745 Datasheet HTML 3Page - NXP Semiconductors TDA5745 Datasheet HTML 4Page - NXP Semiconductors TDA5745 Datasheet HTML 5Page - NXP Semiconductors TDA5745 Datasheet HTML 6Page - NXP Semiconductors TDA5745 Datasheet HTML 7Page - NXP Semiconductors TDA5745 Datasheet HTML 8Page - NXP Semiconductors TDA5745 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1998 Mar 09
4
Philips Semiconductors
Preliminary specification
Low power mixers/oscillators for
hyperband tuners
TDA5744; TDA5745
PINNING
SYMBOL
PIN
DESCRIPTION
TDA5744
TDA5745
UHFIN1
1
24
UHF input 1
UHFIN2
2
23
UHF input 2
VHFIN
3
22
VHF input
RFGND
4
21
RF ground
IFFIL1
5
20
IF filter output 1
IFFIL2
6
19
IF filter output 2
n.c.
7
18
not connected
n.c.
8
17
not connected
BS
9
16
electronic band switch
n.c.
10
15
not connected
n.c.
11
14
not connected
n.c.
12
13
not connected
VCC
13
12
supply voltage
IFOUT1
14
11
IF amplifier output 1
IFOUT2
15
10
IF amplifier output 2
GND
16
9
ground
UHFOSCIB1
17
8
UHF oscillator base input 1
UHFOSCOC1
18
7
UHF oscillator collector output 1
UHFOSCOC2
19
6
UHF oscillator collector output 2
UHFOSCIB2
20
5
UHF oscillator base input 2
VHFOSCIB1
21
4
VHF oscillator base input 1
VHFOSCOC1
22
3
VHF oscillator collector output 1
VHFOSCOC2
23
2
VHF oscillator collector output 2
VHFOSCIB2
24
1
VHF oscillator base input 2


Similar Part No. - TDA5745

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA5702 ETC1-TDA5702 Datasheet
147Kb / 4P
   8-BIT DIGITAL-TO-ANALOG CONVERTER
TDA5702N ETC1-TDA5702N Datasheet
147Kb / 4P
   8-BIT DIGITAL-TO-ANALOG CONVERTER
TDA5703 ETC1-TDA5703 Datasheet
158Kb / 4P
   ANALOG-TO-DIGITAL CONVERTERR
TDA5703N ETC1-TDA5703N Datasheet
158Kb / 4P
   ANALOG-TO-DIGITAL CONVERTERR
TDA5708 ETC-TDA5708 Datasheet
708Kb / 20P
   PHOTO DIODE SIGNAL PROCESSOR FOR COMPACT DISC PLAYERS
More results

Similar Description - TDA5745

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8010M PHILIPS-TDA8010M Datasheet
83Kb / 11P
   Low power mixers/oscillators for satellite tuners
1996 Oct 24
TDA5636 PHILIPS-TDA5636 Datasheet
217Kb / 28P
   9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
1996 Jun 10
TDA5736 PHILIPS-TDA5736 Datasheet
290Kb / 28P
   5 V VHF, hyperband and UHF mixers/oscillators for TV and VCR 3-band tuners
1997 Feb 24
logo
Infineon Technologies A...
SD199E6327 INFINEON-SD199E6327 Datasheet
56Kb / 5P
   For Hyperband TV / VTR tuners, Bd I
2007-03-28
logo
NXP Semiconductors
TDA6404 PHILIPS-TDA6404 Datasheet
221Kb / 32P
   5 V mixer/oscillator-PLL synthesizers for hyperband tuners
1999 Jan 13
TDA5632 PHILIPS-TDA5632 Datasheet
163Kb / 20P
   9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
1996 Aug 16
TDA6502 PHILIPS-TDA6502 Datasheet
200Kb / 44P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Mar 16
TDA6402 PHILIPS-TDA6402 Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
logo
Siemens Semiconductor G...
BF569 SIEMENS-BF569 Datasheet
37Kb / 3P
   PNP Silicon RF Transistor (fOR OSCILLATORS, MIXERS AND SELF-OSCILLATING MIXER STAGES IN uhf tv TUNERS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com