Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP5678 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SIP5678
Description  15-Line SCSI Bus Terminators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP5678 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SIP5678 Datasheet HTML 3Page - Vishay Siliconix SIP5678 Datasheet HTML 4Page - Vishay Siliconix SIP5678 Datasheet HTML 5Page - Vishay Siliconix SIP5678 Datasheet HTML 6Page - Vishay Siliconix SIP5678 Datasheet HTML 7Page - Vishay Siliconix SIP5678 Datasheet HTML 8Page - Vishay Siliconix SIP5678 Datasheet HTML 9Page - Vishay Siliconix SIP5678 Datasheet HTML 10Page - Vishay Siliconix SIP5678 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SiP5678
Vishay Siliconix
New Product
www.vishay.com
10
Document Number: 73100
S-41843—Rev. A, 11-Oct-04
DETAILED OPERATION
The SiP5678 is a multimode active terminator IC, which
detects the operating mode of the SCSI bus, and switches to
the appropriate termination configuration accordingly.
Two SiP5678 terminators are required at each end of a wide
SCSI bus to terminate 27 lines (18 data, 9 control). In LVD
mode the SiP5678 provides 105-W differential impedance and
112-mV differential bias between each TN/TP pair of
terminator lines. In S/E mode the SiP5678 provides 108-W
impedance and 2.7-V pull-up on each TxN pin, and low
impedance to ground on each TxP pin. In HPD mode the
SiP5678 disconnects from the bus and presents high
impedance to all TN/TP lines.
Each SiP5678 IC has a 1.3-V DIFFSENS regulator output that
can be used to drive the DIFFSENS line of a SCSI bus. The
DIFFSENS regulator attempts to drive the DIFFSENS control
signal to 1.3 V, but is current limited so that S/E or HPD devices
on the SCSI bus can override the DIFFSENS regulator and put
the bus into S/E or HPD mode of operation.
The MODE pin senses the operational state of the SCSI bus
by detecting the voltage on the DIFFSENS control line. There
is an integrated 200-ms glich filter on the MODE input for
reliable operation in a noisy environments.
On power up, the SiP5678 initially defaults to a high
impedance state on the termination pins. If the MODE pin
detects S/E or LVD level on the DIFFSENS signal of the SCSI
bus the SiP5678 will wait a standard delay (200 ms typical)
before changing its operating mode. During regular operation
if the MODE pin detects another bus mode change the
SiP5678 again waits a standard delay before changing its
operating mode. This mode change delay is implemented in
accordance with SCSI standards SPI-3 and higher.
The DISABLE pin is used to connect/disconnect the SiP5678.
If it is pulled to GROUND the SiP5678 is in connect mode, and
operates as a terminator. If it is pulled to TRMPWR or left open
the device is in disconnect mode and presents high
impedance to the SCSI bus.
In disconnect mode the
DIFFSENS regulator is disabled.
The SiP5678 operates within SCSI specifications with the
TERMPWR voltage between 2.7 V and 5.25 V, which enables
it to operate in both 5-V and 3.3-V systems. The 2.7-V lower
limit guarantees correct performance in a 3.3-V system.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and
Package Reliability represent a composite of all qualified locations.
For related documents such as package/tape drawings, part marking, and reliability data, see
http://www.vishay.com/ppg?73100.


Similar Part No. - SIP5678

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP5630 VISHAY-SIP5630 Datasheet
86Kb / 10P
   9-Line SCSI Bus Terminators
Rev. A, 05-Ju1-04
SIP5630CG-T1-E3 VISHAY-SIP5630CG-T1-E3 Datasheet
86Kb / 10P
   9-Line SCSI Bus Terminators
Rev. A, 05-Ju1-04
SIP5668 VISHAY-SIP5668 Datasheet
122Kb / 11P
   14-Line SCSI Bus Terminators
Rev. A, 11-Oct-04
SIP5668CS VISHAY-SIP5668CS Datasheet
122Kb / 11P
   14-Line SCSI Bus Terminators
Rev. A, 11-Oct-04
SIP5668CS-TR-E3 VISHAY-SIP5668CS-TR-E3 Datasheet
122Kb / 11P
   14-Line SCSI Bus Terminators
Rev. A, 11-Oct-04
More results

Similar Description - SIP5678

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP5668 VISHAY-SIP5668 Datasheet
122Kb / 11P
   14-Line SCSI Bus Terminators
Rev. A, 11-Oct-04
73007 VISHAY-73007 Datasheet
86Kb / 10P
   9-Line SCSI Bus Terminators
Rev. A, 05-Ju1-04
logo
Texas Instruments
UCC5638 TI-UCC5638 Datasheet
48Kb / 5P
[Old version datasheet]   Multimode SCSI 15 Line Terminator
UCC5638 TI1-UCC5638_06 Datasheet
138Kb / 8P
[Old version datasheet]   Multimode SCSI 15 Line Terminator
logo
Maxim Integrated Produc...
DS2125 MAXIM-DS2125 Datasheet
232Kb / 7P
   Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 052604
DS2125 MAXIM-DS2125_V01 Datasheet
187Kb / 7P
   Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 012306
logo
Texas Instruments
UCC5639 TI-UCC5639 Datasheet
62Kb / 6P
[Old version datasheet]   Multimode SCSI 15 Line Terminator with Reverse Disconnect
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
[Old version datasheet]   SCSI Bus Controller
logo
List of Unclassifed Man...
AIC-33C94 ETC1-AIC-33C94 Datasheet
107Kb / 2P
   Enhanced SCSI Bus Controller
LSI53C141 ETC2-LSI53C141 Datasheet
243Kb / 4P
   SCSI LVD BUS EXPANDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com