Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C470RT290-S0200 Datasheet(PDF) 4 Page - Cree, Inc

Part # C470RT290-S0200
Description  RazerThin짰 LEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C470RT290-S0200 Datasheet(HTML) 4 Page - Cree, Inc

  C470RT290-S0200 Datasheet HTML 1Page - Cree, Inc C470RT290-S0200 Datasheet HTML 2Page - Cree, Inc C470RT290-S0200 Datasheet HTML 3Page - Cree, Inc C470RT290-S0200 Datasheet HTML 4Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Copyright © 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo, G•SiC and RazerThin are registered trademarks of Cree, Inc.
4
CPR3CL Rev. B
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Characteristic Curves
These are representative measurements for the RazerThin products. Actual curves will vary slightly for the various
radiant flux and dominant wavelength bins.
Forward Current vs. Forward Voltage
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Vf (V)
Wavelength Shift vs Forward Current
-4.00
-2.00
0.00
2.00
4.00
6.00
8.00
10.00
12.00
0
5
10
15
20
25
30
If (mA)
460nm
527nm
505nm
Relative Intensity vs Peak Wavelength
Wavelength (nm)
400
500
600
20
40
60
80
100
Relative Intensity vs Forward Current
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
If(mA)


Similar Part No. - C470RT290-S0200

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C470RT290-S0200 MARKTECH-C470RT290-S0200 Datasheet
229Kb / 4P
   RazerThin LEDs
logo
Cree, Inc
C470RT290-S0200 CREE-C470RT290-S0200 Datasheet
203Kb / 4P
   Reduced Forward Voltage 3.2 V Typical at 20 mA
More results

Similar Description - C470RT290-S0200

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXXXRT230-S0100 CREE-CXXXRT230-S0100 Datasheet
236Kb / 4P
   RazerThin짰 LEDs
CXXXRT230-S0200 CREE-CXXXRT230-S0200 Datasheet
243Kb / 4P
   RazerThin짰 LEDs
CXXXRT290-S0100 CREE-CXXXRT290-S0100 Datasheet
203Kb / 4P
   RazerThin짰 LEDs
logo
Marktech Corporate
TR2227 MARKTECH-TR2227 Datasheet
389Kb / 5P
   LEDs
TR5050M MARKTECH-TR5050M Datasheet
375Kb / 5P
   LEDs
CPR3DK MARKTECH-CPR3DK Datasheet
340Kb / 6P
   LEDs
CPR3DK MARKTECH-CPR3DK_15 Datasheet
340Kb / 6P
   LEDs
TR5270 MARKTECH-TR5270_15 Datasheet
672Kb / 6P
   LEDs
UT230-80 MARKTECH-UT230-80_15 Datasheet
269Kb / 4P
   LEDs
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
   LEDs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com