Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C460RT230-S0100 Datasheet(PDF) 1 Page - Cree, Inc

Part # C460RT230-S0100
Description  RazerThin짰 LEDs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C460RT230-S0100 Datasheet(HTML) 1 Page - Cree, Inc

  C460RT230-S0100 Datasheet HTML 1Page - Cree, Inc C460RT230-S0100 Datasheet HTML 2Page - Cree, Inc C460RT230-S0100 Datasheet HTML 3Page - Cree, Inc C460RT230-S0100 Datasheet HTML 4Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

Subject to change without notice.
www.cree.com
FEATURES
Small Chip - 200 x 200 x 85 μm
Low Forward Voltage
2.9 V Typical at 5 mA
RT230™ LED Performance
2.0 mW min. Blue (455-475 nm)
1.5 mW min. Green (520-535 nm & 500-
510 nm)
Single Wire Bond Structure
Class 2 ESD Rating
APPLICATIONS
Mobile Phone Key Pads
White
Blue
Green
Audio Product Display Lighting
Mobile Appliance Keypads
RazerThin® LEDs
CxxxRT230-S000
Cree’s RazerThin LEDs combine highly efficient InGaN materials with Cree’s proprietary G•SiC® substrate to deliver
superior price/performance for blue and green LEDs. These vertically structured LED chips are small in size and
require a low forward voltage. Cree’s RT series chips are tested for conformity to optical and electrical specifications
and the ability to withstand 1000V ESD. Applications include keypad backlighting where sub-miniaturization and
thinner form factors are required.
CxxxRT230-S000 Chip Diagram
Top View
Bottom View
G•SiC LED Chip
200 x 200 μm
SiC Substrate
h = 85 μm
Backside
Metallization
80 x 80 μm
Gold Bond Pad
105 μm Diameter
Side View
Cathode (-)
Anode (+)
Mesa (junction)
176 x 176 μm
InGaN


Similar Part No. - C460RT230-S0100

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C460RT230-S0100 MARKTECH-C460RT230-S0100 Datasheet
257Kb / 4P
   RazerThin LEDs
logo
Cree, Inc
C460RT230-S0100 CREE-C460RT230-S0100_16 Datasheet
242Kb / 4P
   Low Forward Voltage 2.9 V Typical at 5 mA
More results

Similar Description - C460RT230-S0100

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXXXRT230-S0200 CREE-CXXXRT230-S0200 Datasheet
243Kb / 4P
   RazerThin짰 LEDs
CXXXRT290-S0100 CREE-CXXXRT290-S0100 Datasheet
203Kb / 4P
   RazerThin짰 LEDs
CXXXRT290-S0200 CREE-CXXXRT290-S0200 Datasheet
203Kb / 4P
   RazerThin짰 LEDs
logo
Marktech Corporate
TR2227 MARKTECH-TR2227 Datasheet
389Kb / 5P
   LEDs
TR5050M MARKTECH-TR5050M Datasheet
375Kb / 5P
   LEDs
CPR3DK MARKTECH-CPR3DK Datasheet
340Kb / 6P
   LEDs
CPR3DK MARKTECH-CPR3DK_15 Datasheet
340Kb / 6P
   LEDs
TR5270 MARKTECH-TR5270_15 Datasheet
672Kb / 6P
   LEDs
UT230-80 MARKTECH-UT230-80_15 Datasheet
269Kb / 4P
   LEDs
RT290-5 MARKTECH-RT290-5 Datasheet
229Kb / 4P
   LEDs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com