Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXXXXB500-SXX00-A Datasheet(PDF) 3 Page - Cree, Inc

Part # CXXXXB500-SXX00-A
Description  XBright짰 Power Chip LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXXXXB500-SXX00-A Datasheet(HTML) 3 Page - Cree, Inc

  CXXXXB500-SXX00-A Datasheet HTML 1Page - Cree, Inc CXXXXB500-SXX00-A Datasheet HTML 2Page - Cree, Inc CXXXXB500-SXX00-A Datasheet HTML 3Page - Cree, Inc CXXXXB500-SXX00-A Datasheet HTML 4Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Copyright © 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo, G•SiC and XBright are registered trademarks, and XB and XB500 are trademarks of Cree, Inc.
3
CPR3CS Rev. B
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Standard Bins for CxxxXB500-Sxx00-A
LED chips are sorted to the radiant flux and dominant wavelength bins shown. A sorted die sheet contains die
from only one bin. Sorted die kit (CxxxXB500-Sxx00-A) orders may be filled with any or all bins (CxxxXB500-02xx-A)
contained in the kit. All radiant flux and all dominant wavelength values shown and specified are at If = 125 mA. Radiant
flux values are measured using Au-plated TO39 headers without an encapsulant.
C460XB500-S3500-A
C460XB500-0205-A
C460XB500-0206-A
C460XB500-0207-A
C460XB500-0208-A
C460XB500-0201-A
C460XB500-0202-A
C460XB500-0203-A
C460XB500-0204-A
455 nm
457.5 nm
460 nm
462.5 nm
465 nm
55.0 mW
35.0 mW
Dominant Wavelength
C470XB500-S3000-A
C470XB500-0205-A
C470XB500-0206-A
C470XB500-0207-A
C470XB500-0208-A
C470XB500-0201-A
C470XB500-0202-A
C470XB500-0203-A
C470XB500-0204-A
465 nm
467.5 nm
470 nm
472.5 nm
475 nm
38.0 mW
30.0 mW
Dominant Wavelength
C57XB500-S500-A
C527XB500-0207-A
C527XB500-0208-A
C527XB500-0209-A
C527XB500-0204-A
C527XB500-0205-A
C527XB500-0206-A
C527XB500-0201-A
C527XB500-0202-A
C527XB500-0203-A
520 nm
525 nm
530 nm
535 nm
24.0 mW
19.0 mW
15.0 mW
Dominant Wavelength
C505XB500-S000-A
C505XB500-0203-A
C505XB500-0204-A
C505XB500-0201-A
C505XB500-0202-A
500 nm
505 nm
510 nm
26.0 mW
20.0 mW
Dominant Wavelength


Similar Part No. - CXXXXB500-SXX00-A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXXXXB900-SX000-A CREE-CXXXXB900-SX000-A Datasheet
252Kb / 4P
   XBright짰 Power Chip LED
More results

Similar Description - CXXXXB500-SXX00-A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXXXXB900-SX000-A CREE-CXXXXB900-SX000-A Datasheet
252Kb / 4P
   XBright짰 Power Chip LED
logo
Roithner LaserTechnik G...
H2A1-H920 ROITHNER-H2A1-H920 Datasheet
255Kb / 4P
   High Power single chip LED
H2A1-H970 ROITHNER-H2A1-H970 Datasheet
269Kb / 4P
   High Power single chip LED
APG2C1-450 ROITHNER-APG2C1-450 Datasheet
163Kb / 4P
   High Power Single Chip LED
APG2C1-515 ROITHNER-APG2C1-515 Datasheet
306Kb / 4P
   High Power Single Chip LED
APG2C1-810 ROITHNER-APG2C1-810 Datasheet
314Kb / 4P
   High Power Single Chip LED
APG2C1-830 ROITHNER-APG2C1-830 Datasheet
319Kb / 4P
   High Power Single Chip LED
APG2C1-905 ROITHNER-APG2C1-905 Datasheet
319Kb / 4P
   High Power Single Chip LED
APG2C1-920 ROITHNER-APG2C1-920 Datasheet
318Kb / 4P
   High Power Single Chip LED
APG2C1-970 ROITHNER-APG2C1-970 Datasheet
332Kb / 4P
   High Power Single Chip LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com