Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C460XB500-S3500-A Datasheet(PDF) 4 Page - Cree, Inc

Part # C460XB500-S3500-A
Description  XBright짰 Power Chip LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C460XB500-S3500-A Datasheet(HTML) 4 Page - Cree, Inc

  C460XB500-S3500-A Datasheet HTML 1Page - Cree, Inc C460XB500-S3500-A Datasheet HTML 2Page - Cree, Inc C460XB500-S3500-A Datasheet HTML 3Page - Cree, Inc C460XB500-S3500-A Datasheet HTML 4Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Copyright © 2005-2006 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree,
the Cree logo, G•SiC and XBright are registered trademarks, and XB and XB500 are trademarks of Cree, Inc.
4
CPR3CS Rev. B
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com
Characteristic Curves, T
A = 25˚C
Forward Current vs Forward Voltage
0
20
40
60
80
100
120
140
160
0
0.5
1
1.5
2
2.5
3
3.5
4
Forward Voltage (V)
Relative Intensity vs Forward Current
0
20
40
60
80
100
120
140
0
20
40
60
80
100
120
140
160
Forward Current (mA)
Dominant Wavelength Shift vs Forward Current
-2
-1
0
1
2
3
4
5
6
7
8
9
0
20
40
60
80
100
120
140
160
Forward Current (mA)
470nm
527nm


Similar Part No. - C460XB500-S3500-A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460XB900-S9000-A CREE-C460XB900-S9000-A Datasheet
252Kb / 4P
   XBright짰 Power Chip LED
More results

Similar Description - C460XB500-S3500-A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXXXXB900-SX000-A CREE-CXXXXB900-SX000-A Datasheet
252Kb / 4P
   XBright짰 Power Chip LED
logo
Roithner LaserTechnik G...
H2A1-H920 ROITHNER-H2A1-H920 Datasheet
255Kb / 4P
   High Power single chip LED
H2A1-H970 ROITHNER-H2A1-H970 Datasheet
269Kb / 4P
   High Power single chip LED
APG2C1-450 ROITHNER-APG2C1-450 Datasheet
163Kb / 4P
   High Power Single Chip LED
APG2C1-515 ROITHNER-APG2C1-515 Datasheet
306Kb / 4P
   High Power Single Chip LED
APG2C1-810 ROITHNER-APG2C1-810 Datasheet
314Kb / 4P
   High Power Single Chip LED
APG2C1-830 ROITHNER-APG2C1-830 Datasheet
319Kb / 4P
   High Power Single Chip LED
APG2C1-905 ROITHNER-APG2C1-905 Datasheet
319Kb / 4P
   High Power Single Chip LED
APG2C1-920 ROITHNER-APG2C1-920 Datasheet
318Kb / 4P
   High Power Single Chip LED
APG2C1-970 ROITHNER-APG2C1-970 Datasheet
332Kb / 4P
   High Power Single Chip LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com