Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC374TWN1-65P-A1 Datasheet(PDF) 1 Page - Cree, Inc

Part # LC374TWN1-65P-A1
Description  3-mm Round LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LC374TWN1-65P-A1 Datasheet(HTML) 1 Page - Cree, Inc

  LC374TWN1-65P-A1 Datasheet HTML 1Page - Cree, Inc LC374TWN1-65P-A1 Datasheet HTML 2Page - Cree, Inc LC374TWN1-65P-A1 Datasheet HTML 3Page - Cree, Inc LC374TWN1-65P-A1 Datasheet HTML 4Page - Cree, Inc LC374TWN1-65P-A1 Datasheet HTML 5Page - Cree, Inc LC374TWN1-65P-A1 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image

Subject to change without notice.
www.cree.com/ledlamps
Cree® 3-mm Round LED
Model # LC374TWN-65P-A
Data Sheet
65-degree, 3-mm round LED lamp in white color with water-transparent lens and stopper
Applications
Advertising Signs
Indicators
LCD Backlight
Illuminations
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Forward Current
I
F
25
mA
Peak Forward Current Note
I
FP
100
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
100
mW
Operation Temperature
T
opr
-40 ~ +95
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max. 260°C for 3 sec. max.
(3 mm from the base of the epoxy bulb)
Note: Pulse width ≤0.1 msec, duty ≤1/10
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
V
F
I
F = 20 mA
V
3.4
4.0
Forward Voltage
V
F
I
F = 1.0 µA
V
1.7
2.5
Reverse Current
I
R
V
R = 5 V
μA
100
Luminous Intensity
I
V
I
F = 20 mA
mcd
1100
1800
Chromaticity
Coordinates
x
I
F = 20 mA
0.31
y
I
F = 20 mA
0.32
50% Power Angle
2θ½H-H
I
F = 20 mA
deg
65


Similar Part No. - LC374TWN1-65P-A1

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC374TWN1-65G-A1 MARKTECH-LC374TWN1-65G-A1 Datasheet
49Kb / 2P
   Ultra Bright White 3mm LED
LC374TWN1-65H-A1 MARKTECH-LC374TWN1-65H-A1 Datasheet
48Kb / 2P
   Ultra Bright White 3mm LED
logo
Cree, Inc
LC374TWN1-65Q-A1 CREE-LC374TWN1-65Q-A1 Datasheet
355Kb / 6P
   3-mm Round LED
More results

Similar Description - LC374TWN1-65P-A1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LC374TWN1-25P-A1 CREE-LC374TWN1-25P-A1 Datasheet
347Kb / 6P
   3-mm Round LED
LC374TWN1-25Q-A1 CREE-LC374TWN1-25Q-A1 Datasheet
354Kb / 6P
   3-mm Round LED
LC374TWR1-35P-A1 CREE-LC374TWR1-35P-A1 Datasheet
351Kb / 6P
   3-mm Round LED
LC374TWN1-65Q-A1 CREE-LC374TWN1-65Q-A1 Datasheet
355Kb / 6P
   3-mm Round LED
C374T-WNS CREE-C374T-WNS Datasheet
422Kb / 8P
   3-mm Round LED
LC374TWN1-35Q-A1 CREE-LC374TWN1-35Q-A1 Datasheet
353Kb / 6P
   3-mm Round LED
LC374TWR1-35Q-A1 CREE-LC374TWR1-35Q-A1 Datasheet
358Kb / 6P
   3-mm Round LED
LC374TWR1-65Q-A1 CREE-LC374TWR1-65Q-A1 Datasheet
357Kb / 6P
   3-mm Round LED
logo
Everlight Electronics C...
484-10UTC-S400-A6 EVERLIGHT-484-10UTC-S400-A6 Datasheet
208Kb / 6P
   3 mm Round LED
logo
Cree, Inc
LC374TWN1-35P-A1 CREE-LC374TWN1-35P-A1 Datasheet
347Kb / 6P
   3-mm Round LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com