Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2784 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS2784
Description  1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2784 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS2784 Datasheet HTML 1Page - Maxim Integrated Products DS2784 Datasheet HTML 2Page - Maxim Integrated Products DS2784 Datasheet HTML 3Page - Maxim Integrated Products DS2784 Datasheet HTML 4Page - Maxim Integrated Products DS2784 Datasheet HTML 5Page - Maxim Integrated Products DS2784 Datasheet HTML 6Page - Maxim Integrated Products DS2784 Datasheet HTML 7Page - Maxim Integrated Products DS2784 Datasheet HTML 8Page - Maxim Integrated Products DS2784 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1 of 38
REV: 071107
GENERAL DESCRIPTION
The DS2784 operates from 2.5V to 4.6V for integration
in battery packs using a single lithium-ion (Li+) or Li+
polymer cell. Available capacity is reported in mAh and
as a percentage. Safe operation is ensured with the
included Li+ protection function and SHA-1-based
challenge-response authentication.
Precision measurements of voltage, temperature, and
current, along with cell characteristics and application
parameters are used to estimate capacity. The
available capacity registers report a conservative
estimate of the amount of charge that can be removed
given the current temperature and discharge rate.
In addition to the nonvolatile (NV) storage for cell
compensation and application parameters, 16 bytes of
EEPROM memory is made available for the exclusive
use of the host system and/or pack manufacturer. This
facilitates battery lot and date tracking or NV storage of
system or battery usage statistics.
A 1-Wire
® interface provides serial communication at
16kbps or 143kbps to access data registers, control
registers, and user memory. Additionally, 1-Wire
communication
enables
challenge-response
pack
authentication using SHA-1 as the hash algorithm in a
hash-based message authentication code (HMAC)
authentication protocol.
APPLICATIONS
Smartphones/PDAs
Digital Still and Video Cameras
Cordless VOIP Phones
Portable GPS Navigation
Modes and commands are capitalized for clarity.
1-Wire is a registered trademark of Dallas Semiconductor, a wholly
owned subsidiary of Maxim Integrated Products, Inc.
FEATURES
Precision Voltage, Temperature, and Current
Measurement System
Available Capacity Estimated from Coulomb
Count, Discharge Rate, Temperature, and Cell
Characteristics
Estimates Cell Aging Using Learn Cycles
Uses Low-Cost Sense Resistor
Allows for Calibration of Gain and
Temperature Coefficient
Li+ Safety Circuitry—Overvoltage,
Undervoltage, Overcurrent, Short-Circuit
Protection
Programmable Safety Thresholds for
Overvoltage and Overcurrent
Authentication Using SHA-1 Algorithm and
64-Bit Secret
32-Byte Parameter EEPROM
16-Byte User EEPROM
Dallas 1-Wire Interface with 64-Bit Unique ID
Tiny, Pb-Free, 14-Pin TDFN Package Embeds
Easily in Battery Packs Using Thin Prismatic
Cells
PIN CONFIGURATION
ORDERING INFORMATION
PART
TEMP RANGE
TOP MARK
PIN PACKAGE
DS2784G+
-40°C to +85°C
DS2784
14 TDFN (3mm x 5mm)
DS2784G+T&R
-40°C to +85°C
DS2784
14 TDFN (3mm x 5mm)
+ Denotes a lead-free package.
T&R = tape and reel
DS2784
1-Cell Stand-Alone Fuel Gauge IC with
Li+ Protector and SHA-1 Authentication
www.maxim-ic.com


Similar Part No. - DS2784

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2784 MAXIM-DS2784 Datasheet
547Kb / 42P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Rev 8/09
DS2784 MAXIM-DS2784 Datasheet
759Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
19-4636; 4/10
DS2784 MAXIM-DS2784 Datasheet
612Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
DS2784 MAXIM-DS2784 Datasheet
2Mb / 40P
   1-Cell Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2784G++ MAXIM-DS2784G+ Datasheet
547Kb / 42P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Rev 8/09
More results

Similar Description - DS2784

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2784 MAXIM-DS2784_12 Datasheet
612Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
DS2775 MAXIM-DS2775 Datasheet
684Kb / 44P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 0; 10/08
DS2775 MAXIM-DS2775_10 Datasheet
707Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 3; 5/10
DS2784 MAXIM-DS2784_10 Datasheet
759Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
19-4636; 4/10
DS2775 MAXIM-DS2775_09 Datasheet
665Kb / 45P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 2; 7/09
DS2775 MAXIM-DS2775_11 Datasheet
711Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 4; 6/11
DS2784 MAXIM-DS2784_09 Datasheet
547Kb / 42P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Rev 8/09
DS2784 MAXIM-DS2784_V01 Datasheet
2Mb / 40P
   1-Cell Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2775 MAXIM-DS2775_V01 Datasheet
1Mb / 46P
   2-Cell, Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2781 MAXIM-DS2781_V01 Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com