Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2784G+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS2784G+
Description  1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2784G+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS2784G+ Datasheet HTML 4Page - Maxim Integrated Products DS2784G+ Datasheet HTML 5Page - Maxim Integrated Products DS2784G+ Datasheet HTML 6Page - Maxim Integrated Products DS2784G+ Datasheet HTML 7Page - Maxim Integrated Products DS2784G+ Datasheet HTML 8Page - Maxim Integrated Products DS2784G+ Datasheet HTML 9Page - Maxim Integrated Products DS2784G+ Datasheet HTML 10Page - Maxim Integrated Products DS2784G+ Datasheet HTML 11Page - Maxim Integrated Products DS2784G+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
DS2784: 1-Cell Stand-Alone Fuel Gauge IC with Li+ Protector and SHA-1 Authentication
8 of 38
CONTROL REGISTER FORMAT
All control register bits are read and write accessible. The control register is recalled from parameter EEPROM
memory at power-up. Register bit values can be modified in shadow RAM after power-up. Power-up default values
are saved using the Copy Data command.
ADDRESS 60h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
NBEN
UVEN
PMOD
RNAOP
0
PSPIO
PSDQ
X
NBEN
—Negative Blanking Enable. A value of 1 enables blanking of negative current values up to 25
μV. A value of
0 disables blanking of negative currents. The power-up default of NBEN = 0.
UVEN
—Undervoltage Enable. A value of 1 allows the DS2784 to enter Sleep mode when the voltage register value
is less than VUV and DQ is stable at either logic level for tSLEEP. A value of 0 disables transitions to Sleep mode in an
undervoltage condition.
PMOD
—Power Mode Enable. A value of 1 allows the DS2784 to enter Sleep mode when DQ is low for tSLEEP. A
value of 0 disables DQ related transitions to Sleep mode.


Similar Part No. - DS2784G+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2784G++ MAXIM-DS2784G+ Datasheet
547Kb / 42P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Rev 8/09
DS2784G++ MAXIM-DS2784G+ Datasheet
759Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
19-4636; 4/10
DS2784G++ MAXIM-DS2784G+ Datasheet
612Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
DS2784G++ MAXIM-DS2784G+ Datasheet
2Mb / 40P
   1-Cell Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2784G+R MAXIM-DS2784G+R Datasheet
612Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
More results

Similar Description - DS2784G+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2784 MAXIM-DS2784_12 Datasheet
612Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
DS2775 MAXIM-DS2775 Datasheet
684Kb / 44P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 0; 10/08
DS2775 MAXIM-DS2775_10 Datasheet
707Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 3; 5/10
DS2784 MAXIM-DS2784_10 Datasheet
759Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
19-4636; 4/10
DS2775 MAXIM-DS2775_09 Datasheet
665Kb / 45P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 2; 7/09
DS2775 MAXIM-DS2775_11 Datasheet
711Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 4; 6/11
DS2784 MAXIM-DS2784_09 Datasheet
547Kb / 42P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Rev 8/09
DS2784 MAXIM-DS2784_V01 Datasheet
2Mb / 40P
   1-Cell Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2775 MAXIM-DS2775_V01 Datasheet
1Mb / 46P
   2-Cell, Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2781 MAXIM-DS2781_V01 Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com