Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2784G+TR Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS2784G+TR
Description  1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2784G+TR Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS2784G+TR Datasheet HTML 2Page - Maxim Integrated Products DS2784G+TR Datasheet HTML 3Page - Maxim Integrated Products DS2784G+TR Datasheet HTML 4Page - Maxim Integrated Products DS2784G+TR Datasheet HTML 5Page - Maxim Integrated Products DS2784G+TR Datasheet HTML 6Page - Maxim Integrated Products DS2784G+TR Datasheet HTML 7Page - Maxim Integrated Products DS2784G+TR Datasheet HTML 8Page - Maxim Integrated Products DS2784G+TR Datasheet HTML 9Page - Maxim Integrated Products DS2784G+TR Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
DS2784: 1-Cell Stand-Alone Fuel Gauge IC with Li+ Protector and SHA-1 Authentication
6 of 38
DETAILED DESCRIPTION
The DS2784 functions as an accurate fuel gauge, Li+ protector, and SHA-1-based authentication token. The fuel
gauge provides accurate estimates of remaining capacity and reports timely voltage, temperature, and current-
measurement data. Capacity estimates are calculated from a piecewise-linear model of the battery performance
over load and temperature, and system parameters for full and empty conditions. The algorithm parameters are
user programmable and can be modified in pack. Critical capacity and aging data are periodically saved to
EEPROM in case of loss of power due to a short circuit or deep depletion.
The Li+ protection function ensures safe, high-performance operation. nFET protection switches are driven with a
9V charge pump that increase gate drive as the cell voltage decreases. The high-side topology preserves the
ground path for serial communication while eliminating the parasitic charge path formed when the fuel gauge IC is
located inside the protection FETs in a low-side configuration. The thresholds for overvoltage, overcurrent, and
short-circuit current are user programmable for easy customization to each cell and application.
The 32-bit wide SHA-1 engine with 64-bit secret and 64-bit challenge words resists brute force and other attacks
with financial-level HMAC security. The challenge of managing secrets in the supply chain is addressed with the
compute next secret feature. The unique serial number or ROM ID can be used to assign a unique secret to each
battery.
BLOCK DIAGRAM
FuelPack™
Algorithm
POWER MODE
Control
PRECISION
ANALOG
OSCILLATOR
16 Byte User
EEPROM
1-Wire Interface
CHARGE
PUMP
VDD
VDD_INT
CP
CURRENT
(VSS - SNS)
TEMPERATURE
VOLTAGE
(VIN - VSSA)
VIN
VREF
DS2784
10-Bit + sign
ADC/MUX
SNS
VSS
PIO
DQ
WKP, WKD
LITHIUM ION
PROTECTOR
PLS
FET DRIVERS
CC
DC
UV, CD
32 Byte
Parameter
EEPROM
Pin Drivers
and Pwr
Switch
Control
PIO Logic
15-Bit + sign
ADC
Control and
Status Registers
FuelPack™
ALGORITHM


Similar Part No. - DS2784G+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2784G+TR MAXIM-DS2784G+TR Datasheet
547Kb / 42P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Rev 8/09
DS2784G+TR MAXIM-DS2784G+TR Datasheet
759Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
19-4636; 4/10
DS2784G+TR MAXIM-DS2784G+TR Datasheet
2Mb / 40P
   1-Cell Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
More results

Similar Description - DS2784G+TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2784 MAXIM-DS2784_12 Datasheet
612Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
DS2775 MAXIM-DS2775 Datasheet
684Kb / 44P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 0; 10/08
DS2775 MAXIM-DS2775_10 Datasheet
707Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 3; 5/10
DS2784 MAXIM-DS2784_10 Datasheet
759Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
19-4636; 4/10
DS2775 MAXIM-DS2775_09 Datasheet
665Kb / 45P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 2; 7/09
DS2775 MAXIM-DS2775_11 Datasheet
711Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 4; 6/11
DS2784 MAXIM-DS2784_09 Datasheet
547Kb / 42P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Rev 8/09
DS2784 MAXIM-DS2784_V01 Datasheet
2Mb / 40P
   1-Cell Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2775 MAXIM-DS2775_V01 Datasheet
1Mb / 46P
   2-Cell, Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2781 MAXIM-DS2781_V01 Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com