Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2109 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI2109
Description  SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2109 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI2109 Datasheet HTML 7Page - Silicon Laboratories SI2109 Datasheet HTML 8Page - Silicon Laboratories SI2109 Datasheet HTML 9Page - Silicon Laboratories SI2109 Datasheet HTML 10Page - Silicon Laboratories SI2109 Datasheet HTML 11Page - Silicon Laboratories SI2109 Datasheet HTML 12Page - Silicon Laboratories SI2109 Datasheet HTML 13Page - Silicon Laboratories SI2109 Datasheet HTML 14Page - Silicon Laboratories SI2109 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
Si2107/08/09/10
Preliminary Rev. 0.81
11
Figure 4. Eb/No (QEF Operation) vs. Input Power for Si2107/08/09/10 (Typical)
SR = 27.5 MBaud, CR = 7/8
Figure 5. BER After Viterbi vs. Eb/No for Si2107/08/09/10
5
5.5
6
6.5
7
7.5
8
8.5
-100
-80
-60
-40
-20
0
Input Power (dBm)
975MHz
1550MHz
2150MHz
1318MHz
0.00000001
0.0000001
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
2468
10
Eb/No (dB)
27.5Mbaud 1/2
27.5Mbaud 2/3
27.5Mbaud 3/4
27.5Mbaud 5/6
27.5Mbaud 7/8
All tests performed with 1550 MHz, –40 dBm input


Similar Part No. - SI2109

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2109 SILABS-SI2109 Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
SI2109-X-FM SILABS-SI2109-X-FM Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
More results

Similar Description - SI2109

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2107 SILABS-SI2107 Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
logo
Hynix Semiconductor
HDM8513A HYNIX-HDM8513A Datasheet
261Kb / 67P
   DVB/DSS Compliant Receiver
HDM8515 HYNIX-HDM8515 Datasheet
272Kb / 75P
   DVB/DSS Compliant Receiver
logo
NXP Semiconductors
TDA10085HT PHILIPS-TDA10085HT Datasheet
93Kb / 16P
   Single chip DVB-S/DSS channel receiver
2001 Aug 31
logo
Samsung semiconductor
S5H1420 SAMSUNG-S5H1420 Datasheet
849Kb / 31P
   Channel Decoder for DVB-S/DSS
logo
Intel Corporation
CE6313 INTEL-CE6313 Datasheet
466Kb / 24P
   DVB-S Satellite Demodulator
logo
List of Unclassifed Man...
PS20313 ETC2-PS20313 Datasheet
1Mb / 26P
   DVB-S Satellite Demodulator
logo
Sony Corporation
CXD1948R SONY-CXD1948R Datasheet
718Kb / 78P
   IEEE1394 Link Layer LSI for DVB and DSS
logo
List of Unclassifed Man...
PS20037 ETC2-PS20037 Datasheet
2Mb / 32P
   DVB-S Satellite Tuner with RF bypass
PS20039 ETC2-PS20039 Datasheet
1Mb / 32P
   DVB-S Satellite Tuner with RF bypass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com