Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2110 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI2110
Description  SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2110 Datasheet(HTML) 5 Page - Silicon Laboratories

  SI2110 Datasheet HTML 1Page - Silicon Laboratories SI2110 Datasheet HTML 2Page - Silicon Laboratories SI2110 Datasheet HTML 3Page - Silicon Laboratories SI2110 Datasheet HTML 4Page - Silicon Laboratories SI2110 Datasheet HTML 5Page - Silicon Laboratories SI2110 Datasheet HTML 6Page - Silicon Laboratories SI2110 Datasheet HTML 7Page - Silicon Laboratories SI2110 Datasheet HTML 8Page - Silicon Laboratories SI2110 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
Si2107/08/09/10
Preliminary Rev. 0.81
5
Table 3. DC Characteristics
(V3.3 = 3.3 V ±10%, V1.8 = 1.8 V ±10%, TA =0–70ºC)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Current, 3.3 V
I3.3
45 Mbaud, CR 7/81
—313
mA
20 Mbaud, CR 2/31
—298
mA
Supply Current, 1.8 V
I1.8
45 Mbaud, CR 7/81
—292
mA
20 Mbaud, CR 2/31
—217
mA
Input high voltage
VIH
SCL(25), SDA(26)
2.3
5.5
V
Input low voltage
VIL
SCL(25), SDA(26)
0
0.8
V
Input leakage2
II
SCL(25), SDA(26),
RESET(11),
XTAL1(35), VSEN/
TDET(7)
——
±10
µA
Output high voltage
VOH
2.4
V
Output low voltage
VOL
——
0.4
V
Output leakage
IOL
——
±10
µA
Notes:
1. LNB dc-dc converter disabled; LNB_EN (CEh[2]) = 0.
2. ISEN(9) is not tested for leakage current.
Table 4. RF Electrical Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Input power, single channel
Pi,ch
—–821
–10
dBm
Aggregate input power
Pi,agg
–7
dBm
Input impedance, balanced
Zin
ZSOURCE =75 Ω
—75
Return Loss
–10
dB
Dynamic voltage gain range
GV
—75
dB
Maximum voltage gain
GV(max)
—55
dB
Noise figure
NF
Max gain2
+9.5
+12.5
dB
IP3
IP33
Min gain2
+5
+15
dBm
LO leakage
LLO
950 to 2150 MHz
–70
dBm
LO SSB phase noise
NLO
100 kHz offset
–97
–94
dBc/Hz
1 MHz offset
–97
–94
dBc/Hz
LO DSB phase noise (integrated)
NLO
10 kHz to 1/2 Baud
Rate
—2.1
2.8
°rms
RF synthesizer spurious
At 20 MHz offset
–40
dBc/Hz
LO oscillator settling time
ts,LO
—100
µs
Notes:
1. For a single channel with SR = 27.5 Mbaud, CR = 7/8, and no added noise. Input power range over which bit error rate
is less than 2e-4 after Viterbi decoder.
2. Max gain = 0hFFFF in AGC settings registers (25h–26h).
Min gain = 0h0000 in AGC settings registers (25h–26h).
3. IM3 can be calculated as follows: IM3 = 2 x (IP3 – Pin).


Similar Part No. - SI2110

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2110 SILABS-SI2110 Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
SI2110-X-FM SILABS-SI2110-X-FM Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
More results

Similar Description - SI2110

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2107 SILABS-SI2107 Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
logo
Hynix Semiconductor
HDM8513A HYNIX-HDM8513A Datasheet
261Kb / 67P
   DVB/DSS Compliant Receiver
HDM8515 HYNIX-HDM8515 Datasheet
272Kb / 75P
   DVB/DSS Compliant Receiver
logo
NXP Semiconductors
TDA10085HT PHILIPS-TDA10085HT Datasheet
93Kb / 16P
   Single chip DVB-S/DSS channel receiver
2001 Aug 31
logo
Samsung semiconductor
S5H1420 SAMSUNG-S5H1420 Datasheet
849Kb / 31P
   Channel Decoder for DVB-S/DSS
logo
Intel Corporation
CE6313 INTEL-CE6313 Datasheet
466Kb / 24P
   DVB-S Satellite Demodulator
logo
List of Unclassifed Man...
PS20313 ETC2-PS20313 Datasheet
1Mb / 26P
   DVB-S Satellite Demodulator
logo
Sony Corporation
CXD1948R SONY-CXD1948R Datasheet
718Kb / 78P
   IEEE1394 Link Layer LSI for DVB and DSS
logo
List of Unclassifed Man...
PS20037 ETC2-PS20037 Datasheet
2Mb / 32P
   DVB-S Satellite Tuner with RF bypass
PS20039 ETC2-PS20039 Datasheet
1Mb / 32P
   DVB-S Satellite Tuner with RF bypass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com