Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6405TS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA6405TS
Description  5 V mixer/oscillator-PLL synthesizers for hyperband tuners
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6405TS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA6405TS Datasheet HTML 2Page - NXP Semiconductors TDA6405TS Datasheet HTML 3Page - NXP Semiconductors TDA6405TS Datasheet HTML 4Page - NXP Semiconductors TDA6405TS Datasheet HTML 5Page - NXP Semiconductors TDA6405TS Datasheet HTML 6Page - NXP Semiconductors TDA6405TS Datasheet HTML 7Page - NXP Semiconductors TDA6405TS Datasheet HTML 8Page - NXP Semiconductors TDA6405TS Datasheet HTML 9Page - NXP Semiconductors TDA6405TS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
1999 Jan 13
6
Philips Semiconductors
Product specification
5 V mixer/oscillator-PLL synthesizers for
hyperband tuners
TDA6404; TDA6405;
TDA6405A
Fig.2 Pin configuration for TDA6404.
handbook, halfpage
UHFIN1
UHFIN2
VHFIN
RFGND
IFFIL1
IFFIL2
PVHFL
PVHFH
PUHF
AS
SDA
SCL
ADC
CP
VHFOSCIB2
GND
IFOUT2
IFOUT1
VCC
XTAL
VT
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
TDA6404
MGK830
UHFOSCIB1
UHFOSCOC1
UHFOSCOC2
UHFOSCIB2
VHFOSCIB1
VHFOSCOC2
VHFOSCOC1
handbook, halfpage
UHFIN1
UHFIN2
VHFIN
RFGND
IFFIL1
IFFIL2
PVHFL
PVHFH
PUHF
AS
SDA
SCL
ADC
VT
VHFOSCIB2
GND
IFOUT2
IFOUT1
VCC
XTAL
CP
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
TDA6405
TDA6405A
MGK831
UHFOSCIB1
UHFOSCOC1
UHFOSCOC2
UHFOSCIB2
VHFOSCIB1
VHFOSCOC2
VHFOSCOC1
Fig.3 Pin configuration for TDA6405(A)
FUNCTIONAL DESCRIPTION
The devices are controlled via the I2C-bus.
For programming, there is one module address (7 bits)
and the R/W bit for selecting the read or write mode.
Write mode
Data bytes can be sent to the devices after the address
transmission (first byte) by setting the R/W bit to logic 0.
Four data bytes are needed to fully program the devices.
The I2C-bus transceiver has an auto-increment facility
which permits the programming of the devices within one
single transmission (address + 4 data bytes).
The devices can also be partially programmed, providing
that the first data byte following the address is divider
byte 1 (DB1) or control byte (CB). The bits in the data
bytes are defined in Tables 1 and 2.
The first bit of the data byte transmitted indicates whether
frequency data (first bit = 0) or control and band switch
data (first bit = 1) will follow. Until an I2C-bus STOP
condition is sent by the controller, additional data bytes
can be entered without the need to re-address the devices.
The frequency register is loaded after the 8th clock pulse
of the second divider byte (DB2). The control register is
loaded after the 8th clock pulse of the CB. The band switch
register is loaded after the 8th clock pulse of the band
switch byte (BB).


Similar Part No. - TDA6405TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6402 PHILIPS-TDA6402 Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA6402A PHILIPS-TDA6402A Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA6403 PHILIPS-TDA6403 Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
TDA6403A PHILIPS-TDA6403A Datasheet
195Kb / 40P
   5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
2000 Jan 24
More results

Similar Description - TDA6405TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6508 PHILIPS-TDA6508 Datasheet
274Kb / 42P
   3-band mixer/oscillator and PLL for terrestrial tuners
2005 Mar 25
TDA5636B PHILIPS-TDA5636B Datasheet
225Kb / 28P
   9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Dec 02
TDA5630 PHILIPS-TDA5630 Datasheet
252Kb / 28P
   9 V VHF, hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
1996 Mar 21
TDA5330T PHILIPS-TDA5330T Datasheet
154Kb / 16P
   VHF, UHF and Hyperband mixer/oscillator for TV and VCR 3-band tuners
January 1988
logo
Infineon Technologies A...
SD199E6327 INFINEON-SD199E6327 Datasheet
56Kb / 5P
   For Hyperband TV / VTR tuners, Bd I
2007-03-28
logo
NXP Semiconductors
TDA5731M PHILIPS-TDA5731M Datasheet
126Kb / 17P
   Low power VHF, UHF and hyperband mixer/oscillator for TV and VCR 3-band tuners
1995 Mar 21
TDA5634T PHILIPS-TDA5634T Datasheet
116Kb / 20P
   9 V UHF mixer/oscillator for TV and VCR tuners
1996 Nov 7
TDA5744 PHILIPS-TDA5744 Datasheet
123Kb / 20P
   Low power mixers/oscillators for hyperband tuners
1998 Mar 09
TDA5332T PHILIPS-TDA5332T Datasheet
84Kb / 12P
   Double mixer/oscillator for TV and VCR tuners
March 1989
logo
Rohm
BU2616F ROHM-BU2616F Datasheet
108Kb / 5P
   PLL frequency synthesizer for tuners
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com