Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD-300CBG2-C5 Datasheet(PDF) 1 Page - Cree, Inc

Part # LD-300CBG2-C5
Description  Mini-Dorado LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LD-300CBG2-C5 Datasheet(HTML) 1 Page - Cree, Inc

  LD-300CBG2-C5 Datasheet HTML 1Page - Cree, Inc LD-300CBG2-C5 Datasheet HTML 2Page - Cree, Inc LD-300CBG2-C5 Datasheet HTML 3Page - Cree, Inc LD-300CBG2-C5 Datasheet HTML 4Page - Cree, Inc LD-300CBG2-C5 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

Subject to change without notice.
www.cree.com/ledlamps
Cree® Mini-Dorado LED
Model # LD-300CBG2-C5
Data Sheet
3 x 3 mm, QFN-type, high-power, bluish-green LED with water-clear-compound encapsulated
Applications
High-luminous-flux output for illumination
Exposed-pad design for excellent heat transfer
Designed for high-current operation
Reflow soldering applicable
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Forward Current
I
F
100
mA
Peak Forward Current Note 1
I
FP
150
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
480
mW
Operation Temperature
T
opr
-40 ~ +85
°C
Storage Temperature
T
stg
-40 ~ +85
°C
Junction Temperature
T
J
110
°C
Junction-to-Ambient Note 2
θ
JA
135
°C/W
Junction-to-Case Note 2
θ
JC
70
°C/W
Notes:
Pulse width ≤0.1 msec, duty ≤1/10.
Rth test condition: mounted on 1.7 mm, Al-based PCB in size of 12 x 12 mm
Typical Electrical & Optical Characteristics at T
A = 25°C (on metal core PCB)
Note
Characteristics
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
V
F
I
F = 100 mA
V
4.0
4.8
Reverse Current
I
R
V
R = 5 V
μA
10
Dominant Wavelength
λ
D
I
F = 100 mA
nm
495
505
510
Luminous Flux
lumen
I
F = 100 mA
lm
3
4.5
50% Power Angle
2θ½H-H
I
F = 100 mA
deg
125
2θ½V-V
I
F = 100 mA
deg
115
Note: A metal core PCB has an effective heat-transmission substrate (thickness of 1.7 mm, Al-based PCB in 12 x
12 mm, θ
JC <50°C/W should suffice).
1.
2.


Similar Part No. - LD-300CBG2-C5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LD-300CBGL2-C5 CREE-LD-300CBGL2-C5 Datasheet
325Kb / 5P
   Mini-Dorado LED
More results

Similar Description - LD-300CBG2-C5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LD-300CPG2-C5 CREE-LD-300CPG2-C5 Datasheet
316Kb / 5P
   Mini-Dorado LED
LD-300CBGL2-C5 CREE-LD-300CBGL2-C5 Datasheet
325Kb / 5P
   Mini-Dorado LED
logo
Marktech Corporate
LD-300DPG1-C5 MARKTECH-LD-300DPG1-C5 Datasheet
59Kb / 2P
   Green Mini Dorado
LD-301DYL-1B MARKTECH-LD-301DYL-1B Datasheet
59Kb / 2P
   Amber Mini Dorado
LD-301DHR1-B0 MARKTECH-LD-301DHR1-B0 Datasheet
61Kb / 2P
   Red Mini Dorado
logo
Bel Fuse Inc.
GMDC12V08 BEL-GMDC12V08 Datasheet
561Kb / 7P
   DORADO MV DC/DC CONVERTERS
GLDW34V03 BEL-GLDW34V03 Datasheet
782Kb / 8P
   DORADO HV DC/DC CONVERTER
GMDW12V08 BEL-GMDW12V08 Datasheet
539Kb / 7P
   DORADO MV DC/DC CONVERTERS
logo
Vishay Siliconix
VLMP23 VISHAY-VLMP23_V01 Datasheet
318Kb / 9P
   Mini SMD LED
01-Jan-2022
VLMP23K2M2-GS08 VISHAY-VLMP23K2M2-GS08 Datasheet
312Kb / 9P
   Mini SMD LED
Rev. 1.3, 22-May-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com