Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF94F-10A242XXX Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF94F-10A242XXX
Description  HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF94F-10A242XXX Datasheet(HTML) 1 Page - Hongfa Technology

  HF94F-10A242XXX Datasheet HTML 1Page - Hongfa Technology HF94F-10A242XXX Datasheet HTML 2Page - Hongfa Technology HF94F-10A242XXX Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5IFTURIS
Hcf_ Oi5AG8:;<8> /CE nsj_0
Fc_f_]nlc]
mnl_hanb
Tbi]e l_mcmn[h]_
JPOIHC SGMCZ
KTP@7783 KTP6UT8=@;@ 3 KTP8;7783 PJTCT8?7783 KGER RE 7?7777 EGSUKHKGF
978< S_p5 8577
9=>
FE nsj_A Cjjlir5 95;XB
CE nsj_A Cjjlir5 ;57WC
Eicf jiq_l
<r87;PQT /9<C 9>>WCE3 S_mcmncp_ fi[^3
CaE^P3 [n =<iE3 8m ih @m i``0
:r87;PQT /:C 9>>WCE3 I_h_l[f fi[^3
CaE_3 [n =<iE3 8m ih @m i``0
Gf_]nlc][f _h^ol[h]_
;PTIS/
1N[rcgog pifn[a_ l_`_lm ni nb_ g[rcgog pifn[a_ qbc]b l_f[s
]icf ]iof^ _h^ol_ ch [mbiln j_lci^ i` ncg_5
75.-5
8C3 8D3 8E3 8C 2 8D
977g g[r5/[n 8C 9;WFE0
CaE_3 CaE^P
Eihn[]n [ll[ha_g_hn
Eihn[]n l_mcmn[h]_
Eihn[]n g[n_lc[f
Khmof[ncih l_mcmn[h]_
D_nq__h ]icf . ]ihn[]nm
D_nq__h ij_h ]ihn[]nm
Pj_l[n_ ncg_ /[n higc5 pifn50
S_f_[m_ ncg_ /[n higc5 pifn50
U_gj_l[nol_ lcm_ /[n higc5 pifn50
/Hoh]ncih[f0
Wc\l[ncih l_mcmn[h]_
Cg\c_hn n_gj_l[nol_
Jogc^cns
U_lgch[ncih
Vhcn q_cabn
Eihmnlo]ncih
<77N /[n <77WFE0
9777WCE 8gch
8777WCE 8gch
FE nsj_A 9<gm g[r5
FE nsj_A 9<gm g[r5
@7L g[r5
@?g6m9
87Jt ni <<Jt 75<gg FC
4;7 ni =<
<- ni ?<- SJ
RE
Cjjlir5 ?<a
Fomn jlin_]n_^
7867 =<C4> >490E
2<;@02@ 30@0
270>02@4>8?@82?
=
89
9;
;?
897
9;7
9>>
;5?r/8 87-0
8@r/8 87-0
>>r/8 87-0
9?7r/8 87-0
9777 r /8 87-0
>9<7 r /8 87-0
88777 r /8 87-0
<58
8759
975;
;75?
879
97;
9:<
859
95;
;5?
@5=
9;
;?
<<5;
Oigch[f
Wifn[a_
WCE
Eicf
S_mcmn[h]_
Qc]e4oj
Wifn[a_
WCE
g[r5
Flij4ion
Wifn[a_
WCE
gch5
Z 9<C mqcn]bcha ][j[\cfcns
Z 9eW ^c_f_]nlc] mnl_hanb
/\_nq__h ]icf [h^ ]ihn[]nm0
Z Q[h_f giohn3 p[lciom n_lgch[f nsj_m
Z VM chmof[ncih msmn_gA Ef[mm H
Z Ghpclihg_hn[f `lc_h^fs jli^o]n /SiJT ]igjfc[hn0
Z Ponfch_ Fcg_hmcihmA /;>57 r :957 r 9?5<0 gg
N[r5
Wifn[a_
WCE 1
Oigch[f
Wifn[a_
WFE
Eicf
S_mcmn[h]_
Qc]e4oj
Wifn[a_
WFE
g[r5
Flij4ion
Wifn[a_
WFE
gch5
2<89 30@0
=
@
89
9;
;?
897
8>5< r /8 87-0
;7r/8 87-0
>7r/8 87-0
9?7r/8 87-0
8897r/8 87-0
>777 r /8 87-0
;5<7
=5><
@577
8?57
:=57
@757
75=
75@
859
95;
;5?
8957
N[r5
Wifn[a_
WFE 1
=5=
@5@
8:59
9=5;
<95?
8:9
=5=
8:59
9=5;
<95?
8:9
9=;
:7;5>
2<89
Eihn[]n l[ncha
/S_m5fi[^0
N[r5 mqcn]bcha pifn[a_
N[r5 mqcn]bcha ]oll_hn
N[r5 mqcn]bcha jiq_l
N_]b[hc][f _h^ol[h]_
9>>WCE
8?C
;@?=WC
8r87=PQT
8?C 9>>WCE
;PTIS/ 80 Ub_ ^[n[ mbiqh [\ip_ [l_ chcnc[f p[fo_m5


Similar Part No. - HF94F-10A242XXX

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF94F-10A24E-1 HONGFA-HF94F-10A24E-1 Datasheet
78Kb / 3P
   HIGH POWER RELAY
HF94F-10A24E-2 HONGFA-HF94F-10A24E-2 Datasheet
78Kb / 3P
   HIGH POWER RELAY
More results

Similar Description - HF94F-10A242XXX

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF94F HONGFA-HF94F Datasheet
78Kb / 3P
   HIGH POWER RELAY
HF84F HONGFA-HF84F Datasheet
53Kb / 2P
   HIGH POWER RELAY
HF84F HONGFA-HF84F_15 Datasheet
54Kb / 2P
   HIGH POWER RELAY
HF84F HONGFA-HF84F Datasheet
55Kb / 2P
   HIGH POWER RELAY
HF94F HONGFA-HF94F_15 Datasheet
78Kb / 3P
   HIGH POWER RELAY
HF116F-80 HONGFA-HF116F-80 Datasheet
57Kb / 2P
   HIGH POWER RELAY
logo
Fujitsu Component Limit...
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
logo
List of Unclassifed Man...
JQX-115F ETC-JQX-115F Datasheet
144Kb / 2P
   MINIATURE HIGH POWER RELAY
logo
Hongfa Technology
HF10FF HONGFA-HF10FF_15 Datasheet
187Kb / 5P
   MINIATURE HIGH POWER RELAY
HF14FF HONGFA-HF14FF_15 Datasheet
58Kb / 3P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com