Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1-THR1-01-N1 Datasheet(PDF) 2 Page - Cree, Inc

Part # LM1-THR1-01-N1
Description  SMD LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LM1-THR1-01-N1 Datasheet(HTML) 2 Page - Cree, Inc

  LM1-THR1-01-N1 Datasheet HTML 1Page - Cree, Inc LM1-THR1-01-N1 Datasheet HTML 2Page - Cree, Inc LM1-THR1-01-N1 Datasheet HTML 3Page - Cree, Inc LM1-THR1-01-N1 Datasheet HTML 4Page - Cree, Inc LM1-THR1-01-N1 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
2
CLD-CT82.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Standard Bins for LM-THR-0-N (I
F = 20 mA)
Lamps are sorted to luminous intensity (I
V) and dominant wavelength (λD) bins shown.
Orders for LM1-THR1-01-N1 may be filled with any or all bins contained as below.
All luminous intensity (I
V) and dominant wavelength (λD) values shown and specified are at IF = 20 mA.
U2 or
above
U1
T2
T1
Important Notes:
All ranks will be included per delivery; rank ratio will be based on the dice distribution.
Tolerance of measurement of luminous intensity is ±10%.
Tolerance of measurement of the dominant wavelength is ±1 nm.
Tolerance of measurement of V
F is ±0.05 V.
Packaging methods are available for selection; please refer to the “Cree LED Lamp Packaging Standard” docu-
ment.
Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.
1.
2.
3.
4.
5.
6.
7.
635 nm
620 nm
560 mcd
Dominant Wavelength (λ
D)
450 mcd
355 mcd
280 mcd


Similar Part No. - LM1-THR1-01-N1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LM1-THR1-11-N1 CREE-LM1-THR1-11-N1 Datasheet
307Kb / 5P
   SMD LED
More results

Similar Description - LM1-THR1-01-N1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com