Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF94F-11D120XXX Datasheet(PDF) 2 Page - Hongfa Technology

Part # HF94F-11D120XXX
Description  HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF94F-11D120XXX Datasheet(HTML) 2 Page - Hongfa Technology

  HF94F-11D120XXX Datasheet HTML 1Page - Hongfa Technology HF94F-11D120XXX Datasheet HTML 2Page - Hongfa Technology HF94F-11D120XXX Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
9=?
JH@;H487
JH@;H489
JH@;H48:
JH@;H488
OP
OE
OP6OE
OP6OE
CaE^P
CaE^P
CaE^P
CaE^P
CaE_
CaE_
CaE_
CaE_
89HMC3=7MSC3897WCE [n =<iE
?HMC3;?MSC39<7WCE [n =<iE
?HMC3;?MSC39>>WCE [n =<iE
>HMC3;9MSC39>>WCE [n =<iE
9<C39>>WCE3S_mcmncp_ [n =<iE
:C39>>WCE3I_h Vm_[n =<iE
9>>WCE jcfin ^ons387C chlomb38C \l_[e [n =<iE
9>>WCE jcfin ^ons387C chlomb38C \l_[e [n =<iE
9>>WCE jcfin ^ons387C chlomb38C \l_[e [n =<iE
9>>WCE jcfin ^ons387C chlomb38C \l_[e [n =<iE
8;HMC3?;MSC389<WCE [n ;7iE
?HMC3;?MSC39<7WCE [n =<iE
?HMC3;?MSC39>>WCE [n =<iE
>HMC3;9MSC39>>WCE [n =<iE
9<C39>>WCE3S_mcmncp_ [n =<iE
:C39>>WCE3I_h Vm_ [n =<iE
8;HMC3?;MSC389<WCE [n ;7iE
?HMC3;?MSC39<7WCE [n =<iE
?HMC3;?MSC39>>WCE [n =<iE
>HMC3;9MSC39>>WCE [n =<iE
9<C39>>WCE3S_mcmncp_ [n =<iE
:C39>>WCE3I_h Vm_ [n =<iE
89HMC3=7MSC3897WCE [n =<iE
?HMC3;?MSC39<7WCE [n =<iE
?HMC3;?MSC39>>WCE [n =<iE
>HMC3;9MSC39>>WCE [n =<iE
8?C39>>WCE3S_mcmncp_ [n =<iE
:C39>>WCE3I_h Vm_ [n =<iE
9<C39>>WCE3S_mcmncp_ [n =<iE
;PTIS/ 80 Cff p[fo_m ohmj_]c`c_^ [l_ [n liig n_gj_l[nol_5
90 Phfs nsjc][f fi[^m [l_ fcmn_^ [\ip_5 Pnb_l fi[^ mj_]c`c][ncihm ][h \_ [p[cf[\f_ ojih l_ko_mn5
<>34>8;6 8;5<>:0@8<;
2POTFGT FRRFOKINIOT
2PLM VPMTFKI 02/ =WCE ni 9>>WCE 32/ =WFE ni 897 WFE /Oi VM [jjlip_^0
JH@;H
487
C
@WQI
*~/ 8 Hilg C **/ 8 Hilg D
*+/ 8 Hilg E *,/ 8 Hilg C28 Hilg D
9;
2PLM VPMTFKI JPRN
0
/ CE
3
/ FE
48
*/ Hf[ha3 Niohncha Fcmn[h]_ <;5?gg5 ^c[g_n_l w:5?gg
+/ Hf[ha3 Niohncha Fcmn[h]_ ==5>gg5 ^c[g_n_l w;5?gg
;LM/ N_n[f Dl[]e_n
/YYY0
G
2POTFGT NFTIRLFM
4/ CaE_
;LM/ CaE^P
:PUOTLOK
?054@E 0==><B09 >0@8;6?
A9}2A9
?QIGLFM GPHI80
DDD/ Eomnig_l mj_]c[f l_kocl_g_hn
;LM/ Tn[h^[l^
;PTIS/ 80 Ub_ ]omnig_l mj_]c[f l_kocl_g_hn _rjl_mm [m mj_]c[f ]i^_ [`n_l _p[fo[ncha \s Jiha`[5


Similar Part No. - HF94F-11D120XXX

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF94F-11D24E-1 HONGFA-HF94F-11D24E-1 Datasheet
78Kb / 3P
   HIGH POWER RELAY
HF94F-11D24E-2 HONGFA-HF94F-11D24E-2 Datasheet
78Kb / 3P
   HIGH POWER RELAY
More results

Similar Description - HF94F-11D120XXX

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF94F HONGFA-HF94F Datasheet
78Kb / 3P
   HIGH POWER RELAY
HF84F HONGFA-HF84F Datasheet
53Kb / 2P
   HIGH POWER RELAY
HF84F HONGFA-HF84F_15 Datasheet
54Kb / 2P
   HIGH POWER RELAY
HF84F HONGFA-HF84F Datasheet
55Kb / 2P
   HIGH POWER RELAY
HF94F HONGFA-HF94F_15 Datasheet
78Kb / 3P
   HIGH POWER RELAY
HF116F-80 HONGFA-HF116F-80 Datasheet
57Kb / 2P
   HIGH POWER RELAY
logo
Fujitsu Component Limit...
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
logo
List of Unclassifed Man...
JQX-115F ETC-JQX-115F Datasheet
144Kb / 2P
   MINIATURE HIGH POWER RELAY
logo
Hongfa Technology
HF10FF HONGFA-HF10FF_15 Datasheet
187Kb / 5P
   MINIATURE HIGH POWER RELAY
HF14FF HONGFA-HF14FF_15 Datasheet
58Kb / 3P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com