Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF2100-1A18DEFXXX Datasheet(PDF) 3 Page - Hongfa Technology

Part # HF2100-1A18DEFXXX
Description  MINIATURE HIGH POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF2100-1A18DEFXXX Datasheet(HTML) 3 Page - Hongfa Technology

  HF2100-1A18DEFXXX Datasheet HTML 1Page - Hongfa Technology HF2100-1A18DEFXXX Datasheet HTML 2Page - Hongfa Technology HF2100-1A18DEFXXX Datasheet HTML 3Page - Hongfa Technology HF2100-1A18DEFXXX Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ijj
ha
@B78B<?: <?9@B>4D<@?
zxihgg
dhs
x
dhiv
`444a
6SOP YSPWJNM
lc mc pc hic hlc hoc ikc koc ngc hhg2vu
6SRWJKW JUUJRNMQMRW 143hxDGB s 153hxDGB t163hxDGB u
6SRVWUXKWOSR
83 ,A6HI>8 H:6A:9
?OP3 vJHI EGDI:8I:9
w
<RVXPJWOSR VWJRLJUL
93 uA6HH x
?OP3 uA6HH t
0
6SRWJKW QJWMUOJP
D3 s</C+i
?OP3 s<u9+
DZTM
`tDIIDB K>:La`0DE K>:La
hxDGB s
`tDIIDB K>:La
@ED=<?8 7<>8?C<@?C. G<B<?: 7<4:B4> 4?7 A6 5@4B7 =4I@ED
1C>Iq BB
+JIA>C: v>B:CH>DCH
,ut }6NDJI
3>G>C< v>6<G6B
hneo
hk
id heh
jeo
id ieh
io
jem
inel
ia uDCI68I >H G:8DBB:C9:9 ;DG HJ>I67A: 8DC9>I>DC 6C9 HE:8>;>86I>DCH >; L6I:G 8A:6C>C< DG HJG;68: EGD8:HH >H >CKDAK:9 >C 6HH:B7A>C< G:A6NH
DC ,ute
?SWMV3 ha 3: G:8DBB:C9 9JHI EGDI:8I:9 INE:H ;DG 6 8A:6C :CK>GDCB:CI `;G:: ;GDB 8DCI6B>C6I>DCH A>@: zi/c /+ic *+ic 9JHIc :I8eae
3: HJ<<:HI ID 8=DDH: EA6HI>8 H:6A:9 INE:H 6C9 K6A>96I: >I >C G:6A 6EEA>86I>DC ;DG 6C JC8A:6C :CK>GDCB:CI `L>I= 8DCI6B>C6I>DCH
A>@: zi/c /+ic *+ic 9JHIc :I8eae
`tDIIDB K>:La`0DE K>:La
hxDGB t
hneo
hk
id heh
id ieh
jeo
io
jem
inel
CTMKOJP KSLMja
HHH3 uJHIDB:G HE:8>6A G:FJ>G:B:CI
?OP3 /I6C96G9
ja 0=: 8JHIDB:G HE:8>6A G:FJ>G:B:CI :MEG:HH 6H HE:8>6A 8D9: 6;I:G :K6AJ6I>C< 7N zDC<;6e


Similar Part No. - HF2100-1A18DEFXXX

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF2100-1A-12DETF HONGFA-HF2100-1A-12DETF Datasheet
63Kb / 4P
   MINIATURE HIGH POWER RELAY
HF2100-1A-15DETF HONGFA-HF2100-1A-15DETF Datasheet
63Kb / 4P
   MINIATURE HIGH POWER RELAY
HF2100-1A-18DETF HONGFA-HF2100-1A-18DETF Datasheet
63Kb / 4P
   MINIATURE HIGH POWER RELAY
HF2100-1A-5DETF HONGFA-HF2100-1A-5DETF Datasheet
63Kb / 4P
   MINIATURE HIGH POWER RELAY
HF2100-1A-6DETF HONGFA-HF2100-1A-6DETF Datasheet
63Kb / 4P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF2100-1A18DEFXXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com