Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7052BT Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA7052BT
Description  Mono BTL audio amplifier with DC volume control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7052BT Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA7052BT Datasheet HTML 1Page - NXP Semiconductors TDA7052BT Datasheet HTML 2Page - NXP Semiconductors TDA7052BT Datasheet HTML 3Page - NXP Semiconductors TDA7052BT Datasheet HTML 4Page - NXP Semiconductors TDA7052BT Datasheet HTML 5Page - NXP Semiconductors TDA7052BT Datasheet HTML 6Page - NXP Semiconductors TDA7052BT Datasheet HTML 7Page - NXP Semiconductors TDA7052BT Datasheet HTML 8Page - NXP Semiconductors TDA7052BT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1997 Aug 15
2
Philips Semiconductors
Product specification
Mono BTL audio amplifier with DC volume
control
TDA7052B
FEATURES
• DC volume control
• Few external components
• Mute mode
• Thermal protection
• Short-circuit proof
• No switch-on and switch-off clicks
• Good overall stability
• Low power consumption
• Low HF radiation
• ESD protected on all pins.
GENERAL DESCRIPTION
The TDA7052B and TDA7052BT are 1 W and 0.5 W mono
Bridge-Tied Load (BTL) output amplifiers with DC volume
control.
They have been designed for use in TV and monitors, but
are also suitable for use in battery-fed portable recorders
and radios.
A Missing Current Limiter (MCL) is built in. The MCL circuit
is activated when the difference in current between the
output terminal of each amplifier exceeds 100 mA
(300 mA typ.). This level of 100 mA allows for headphone
applications (single-ended).
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
4.5
18
V
PO
output power
VP =6V
TDA7052B
RL =8 Ω
0.9
1.0
W
TDA7052BT
RL =16 Ω
0.5
0.55
W
Gv(max)
maximum total voltage gain
39.5
40.5
41.5
dB
φ
gain control
68
73.5
dB
Iq(tot)
total quiescent current
VP =6V; RL = ∞−
9.2
13
mA
THD
total harmonic distortion
TDA7052B
PO = 0.5 W
0.3
1
%
TDA7052BT
PO = 0.25 W
0.3
1
%
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA7052B
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
TDA7052BT
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1


Similar Part No. - TDA7052BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A NXP-TDA7052A Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - TDA7052BT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056AT PHILIPS-TDA7056AT Datasheet
128Kb / 20P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA7056B PHILIPS-TDA7056B Datasheet
101Kb / 16P
   5 W mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7052AN NXP-TDA7052AN Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7056AT PHILIPS-TDA7056AT_15 Datasheet
140Kb / 18P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
logo
KODENSHI_AUK CORP.
KKA7056B KODENSHI-KKA7056B Datasheet
238Kb / 6P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com