Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF2120-1A18FXXX Datasheet(PDF) 6 Page - Hongfa Technology

Part # HF2120-1A18FXXX
Description  MINIATURE HIGH POWER RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF2120-1A18FXXX Datasheet(HTML) 6 Page - Hongfa Technology

  HF2120-1A18FXXX Datasheet HTML 1Page - Hongfa Technology HF2120-1A18FXXX Datasheet HTML 2Page - Hongfa Technology HF2120-1A18FXXX Datasheet HTML 3Page - Hongfa Technology HF2120-1A18FXXX Datasheet HTML 4Page - Hongfa Technology HF2120-1A18FXXX Datasheet HTML 5Page - Hongfa Technology HF2120-1A18FXXX Datasheet HTML 6Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
v>H8A6>B:G
0=: HE:8>;>86I>DC >H ;DG G:;:G:C8: DCANe /:: ID ]0:GB>CDAD<N 6C9 yJ>9:A>C:H] ;DG BDG: >C;DGB6I>DCe /E:8>;>86I>DCH HJ7?:8I ID 8=6C<: L>I=DJI CDI>8:e
3: 8DJA9 CDI :K6AJ6I: 6AA I=: E:G;DGB6C8: 6C9 6AA I=: E6G6B:I:GH ;DG :K:GN EDHH>7A: 6EEA>86I>DCe 0=JH I=: JH:G H=DJA9 7: >C 6 G><=I EDH>I>DC ID
8=DDH: I=: HJ>I67A: EGD9J8I ;DG I=:>G DLC 6EEA>86I>DCe{; I=:G: >H 6CN FJ:GNc EA:6H: 8DCI68I zDC<;6 ;DG I=: I:8=C>86A H:GK>8:ezDL:K:Gc >I >H I=: JH:GRH
G:HEDCH>7>A>IN ID 9:I:GB>C: L=>8= EGD9J8I H=DJA9 7: JH:9 DCANe
P 4>6B:C zDC<;6 wA:8IGD68DJHI>8 uDec }I9e sAA G><=IH D; zDC<;6 6G: G:H:GK:9e
ikg
6;4B46D8B<CD<6 6EBF8C
su }D69
vu }D69
hs
hu `*+a
ht
hu `*ua
hs
hu `*+a
ht
hu `*ua
hg
ig
kg
jg
~s4{~1~ /3{0uz{*y ,+3w.
uDCI68I 2DAI6<: `2a
w*v1.s*uw u1.2w
uDCI68I uJGG:CI `sa
g
h
hjg
pg
og
hgg
hig
hhg
hlg
hkg
hmg
jgs
gs
ils
igs
hls
u+{} 0w~,w.s01.w .{/w
,:G8:CI6<: +; *DB>C6A uD>A 2DAI6<:
g
kg
hhg
pg
og
ng
lg
mg
hgg
kg
jg
ig
hl
hgg
hg
hg
hgg
igg
hggg
h
jg
hgg
hg
DMVW KSRLOWOSRV3
.:H>HI>K: AD69cs<u9+c .DDB I:BEec
hHDC pHD;;e


Similar Part No. - HF2120-1A18FXXX

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
HF21200E-SJB SOSHIN-HF21200E-SJB Datasheet
390Kb / 4P
   DC 1000VDC
More results

Similar Description - HF2120-1A18FXXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com