Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7053A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA7053A
Description  Stereo BTL audio output amplifier with DC volume control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7053A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA7053A Datasheet HTML 2Page - NXP Semiconductors TDA7053A Datasheet HTML 3Page - NXP Semiconductors TDA7053A Datasheet HTML 4Page - NXP Semiconductors TDA7053A Datasheet HTML 5Page - NXP Semiconductors TDA7053A Datasheet HTML 6Page - NXP Semiconductors TDA7053A Datasheet HTML 7Page - NXP Semiconductors TDA7053A Datasheet HTML 8Page - NXP Semiconductors TDA7053A Datasheet HTML 9Page - NXP Semiconductors TDA7053A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1997 Jul 15
6
Philips Semiconductors
Product specification
Stereo BTL audio output amplifier with DC
volume control
TDA7053A
CHARACTERISTICS
VP =6V; Tamb =25 °C; fi = 1 kHz; TDA7053A: RL =8 Ω; TDA7053AT: RL =16 Ω; unless otherwise specified
(see Fig.13).
Notes
1. With a load connected to the outputs the quiescent current will increase, the maximum value of this increase being
equal to the DC output offset voltage divided by RL.
2. The noise output voltage (RMS value) at fi = 500 kHz is measured with RS =0 Ω and bandwidth = 5 kHz.
3. 20 Hz to 300 kHz (typical).
4. The ripple rejection is measured with RS =0 Ω and fi = 100 Hz to 10 kHz. The ripple voltage of 200 mV (RMS value)
is applied to the positive supply rail.
5. The channel unbalance is measured with VDC1 =VDC2.
6. The channel unbalance at G1 = 0 dB is measured with VDC1 =VDC2.
7. The noise output voltage (RMS value) is measured with RS =5kΩ unweighted.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
4.5
18
V
Iq(tot)
total quiescent current
VP =6V; RL = ∞; note 1
22
25
mA
Maximum gain; V2,8 ≥ 1.4 V
Pout
output power
THD = 10%
TDA7053A
1.0
1.1
W
TDA7053AT
0.5
0.55
W
THD
total harmonic distortion
TDA7053A
Pout = 0.5 W
0.3
1
%
TDA7053AT
Pout = 0.25 W
0.3
1
%
Gv
voltage gain
39.5
40.5
41.5
dB
VI(rms)
input signal handling (RMS value) Gv = 0 dB; THD < 1%
1
−−
V
Vno
noise output voltage
fi = 500 kHz; note 2
210
−µV
B
bandwidth
at
−1dB
note 3
Hz
SVRR
supply voltage ripple rejection
note 4
34
38
dB
VO(os)
DC output offset voltage
V16 − V13 and V12 − V9−
0
200
mV
Zi
input impedance (pins 4 and 6)
15
20
25
k
αcs
channel separation
RS =5kΩ
40
−−
dB
G
v
channel unbalance
note 5
−−
1dB
G1 = 0 dB; note 6
−−
1dB
Mute position; V2,8 = 0.4 V ±30 mV
VO
output voltage in mute position
Vi = 1.0 V; note 7
30
40
µV
DC volume control
GC
gain control
68.5
73.5
dB
IDC
volume control current
V2 =V8 =0V
−20
−25
−30
µA


Similar Part No. - TDA7053A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7053A UTC-TDA7053A Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
TDA7053A-D16-T UTC-TDA7053A-D16-T Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
TDA7053A-S16-R UTC-TDA7053A-S16-R Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
TDA7053A-S16-T UTC-TDA7053A-S16-T Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
TDA7053AG-D16-T UTC-TDA7053AG-D16-T Datasheet
268Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - TDA7053A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7053A UTC-TDA7053A Datasheet
168Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
TDA7053A UTC-TDA7053A_15 Datasheet
268Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7057AQ PHILIPS-TDA7057AQ Datasheet
116Kb / 16P
   2 x 8 W stereo BTL audio output amplifier with DC volume control
1998 Apr 07
TDA7052B PHILIPS-TDA7052B Datasheet
111Kb / 16P
   Mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7056A PHILIPS-TDA7056A Datasheet
58Kb / 9P
   3 W BTL mono audio output amplifier with DC volume control
July 1994
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com