Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LO5SMPHR4-B0G-A Datasheet(PDF) 3 Page - Cree, Inc

Part # LO5SMPHR4-B0G-A
Description  5-mm Oval LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LO5SMPHR4-B0G-A Datasheet(HTML) 3 Page - Cree, Inc

  LO5SMPHR4-B0G-A Datasheet HTML 1Page - Cree, Inc LO5SMPHR4-B0G-A Datasheet HTML 2Page - Cree, Inc LO5SMPHR4-B0G-A Datasheet HTML 3Page - Cree, Inc LO5SMPHR4-B0G-A Datasheet HTML 4Page - Cree, Inc LO5SMPHR4-B0G-A Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.

CLD-CT07.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Graphs
4/4
Format #: COTCO-D-074
REV.4
Document No. SPE/LO5SMPHR4-B0G-A
Rev. No.
02
G
Grraapphhss
100.0
FIG.5 MAXIMUM FORWARD DC CURRENT VS
AMBIENT TEMPERATURE (Tjmax=105 C)
FIG.3 RELATIVE LUMINOUS INTENSITY VS.
100.0
FIG.1 FORWARD CURRENT VS.
2.8
0
20.0
0.0
60.0
40.0
80.0
IF(mA)
40
20
60
100
80
FORWARD CURRENT.
20.0
1.0
0.0
0.0
3.0
2.0
4.0
60.0
40.0
80.0
20.0
FORWARD VOLTAGE.
2.0
5.0
1.8
0.0
2.4
2.2
2.6
If (mA)
60.0
40.0
80.0
100.0
Ta( C)
If(mA)
Vf(V)
FIG.6 FAR FIELD PATTERN
0
-30
-60
-90
50% Power Angle :
H-H V-V
0
90
60
30
80%
80%
40%
40%
0%
0%
20%
20%
60%
60%
V-V : 50
H-H : 110
100%
100%
Ie(%)
I (RELATIVE LUMINOUS INTENSITY)
FIG.2 REVERSE CURRENT VS.
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
REVERSE VOLTAGE.
75%
25%
WAVELENGTH.
0%
500
400
600 700
50%
100%
Domi WL= 624nm
Half Power
WL=23nm
WL(nm)
800 900
-50.0
Ir(uA)
Vr(V)
-60
-50
-40
-30
-10.0
-30.0
-40.0
-20.0
0.0
-20
-10
Items
Signatures
Date
Revision History
Prepared by
LiuZM
2006-01-19
Rev. No
Date
Change Description
Checked by
MaJF
2006-01-19
02
2006-01-19 Released. IV(typ)500 to 450mcd.
Approved by
David
2006-01-19
FCN#
FCN20060015
Data is subject to change without prior notice.
Copyright@2002 Cotco International Ltd.


Similar Part No. - LO5SMPHR4-B0G-A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LO5SMPBL4-B0G-A3 CREE-LO5SMPBL4-B0G-A3 Datasheet
327Kb / 5P
   5-mm Oval LED
LO5SMPPG4-B0G-A3 CREE-LO5SMPPG4-B0G-A3 Datasheet
339Kb / 5P
   5-mm Oval LED
More results

Similar Description - LO5SMPHR4-B0G-A

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C5SMF-AJS CREE-C5SMF-AJS Datasheet
494Kb / 8P
   5-mm Oval LED
LO566TBG4-60G-A1 CREE-LO566TBG4-60G-A1 Datasheet
325Kb / 5P
   5-mm Oval LED
LO566TPG4-70G-A CREE-LO566TPG4-70G-A Datasheet
354Kb / 5P
   5-mm Oval LED
LO566TWN1-70G-A1 CREE-LO566TWN1-70G-A1 Datasheet
361Kb / 6P
   5-mm Oval LED
logo
Marktech Corporate
C5SMF-C5SME MARKTECH-C5SMF-C5SME_15 Datasheet
521Kb / 10P
   5-mm Oval LED
logo
Cree, Inc
LO5SMTWN1-B0G-A1 CREE-LO5SMTWN1-B0G-A1 Datasheet
365Kb / 6P
   5-mm Oval LED
LO566THR4-70G-A2 CREE-LO566THR4-70G-A2 Datasheet
337Kb / 5P
   5-mm Oval LED
LO566TWN1-70H-A1 CREE-LO566TWN1-70H-A1 Datasheet
367Kb / 6P
   5-mm Oval LED
LO5SMTPG4-B0G-A2 CREE-LO5SMTPG4-B0G-A2 Datasheet
336Kb / 5P
   5-mm Oval LED
LO566TBL4-70G-A CREE-LO566TBL4-70G-A Datasheet
334Kb / 5P
   5-mm Oval LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com