Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LO494THR4-B0G-A2 Datasheet(PDF) 3 Page - Cree, Inc

Part # LO494THR4-B0G-A2
Description  4-mm Oval LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LO494THR4-B0G-A2 Datasheet(HTML) 3 Page - Cree, Inc

  LO494THR4-B0G-A2 Datasheet HTML 1Page - Cree, Inc LO494THR4-B0G-A2 Datasheet HTML 2Page - Cree, Inc LO494THR4-B0G-A2 Datasheet HTML 3Page - Cree, Inc LO494THR4-B0G-A2 Datasheet HTML 4Page - Cree, Inc LO494THR4-B0G-A2 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Copyright © 2007 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.

CLD-CT096.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Graphs
4/4
Format #: COTCO-D-074
REV.4
Document No. SPE/LO494THR4-B0G-A2
Rev. No.
02
G
Grraapphhss
Ta( C)
AMBIENT TEMPERATURE (Tjmax=105 C)
40.0
0.0
0
20
40
20.0
80.0
60.0
100.0
40.0
FORWARD CURRENT.
IF(mA)
80
60
100
0.0
20.0
80.0
60.0
100.0
3.0
0.0
1.0
2.0
5.0
4.0
If(mA)
60.0
2.4
FORWARD VOLTAGE.
0.0
2.0
2.2
20.0
40.0
2.8
2.6
3.0
Vf(V)
100.0
80.0
If (mA)
REVERSE VOLTAGE.
-90
-60
0
-30
30
20%
20%
90
60
0%
0%
40%
40%
60%
60%
80%
80%
H-H : 100
V-V : 50
25%
50% Power Angle :
H-H
0
V-V
WAVELENGTH.
500
0%
400
700
600
800
100%
50%
75%
Ie(%)
100%
100%
WL(nm)
900
Ir(uA)
-60
Vr(V)
-50
-30
-40
-20
-50.0
-40.0
-20.0
-30.0
-10.0
-10
0.0
FIG.2 REVERSE CURRENT VS.
FIG.1 FORWARD CURRENT VS.
FIG.4 RELATIVE LUMINOUS INTENSITY VS.
FIG.3 RELATIVE LUMINOUS INTENSITY VS.
Domi WL= 628nm
Half Power
WL=23nm
FIG.5 MAXIMUM FORWARD DC CURRENT VS
FIG.6 FAR FIELD PATTERN
Items
Signatures
Date
Revision History
Prepared by
LiuZM
2005-06-27
Rev. No
Date
Change Description
Checked by
MaJF
2005-06-27
02
2005-06-27 Release.
Approved by
David
2005-06-27
FCN#
FCN20050208
Data is subject to change without prior notice; please refer to COTCO Website for the latest version.
Copyright@2002 Cotco International Ltd.


Similar Part No. - LO494THR4-B0G-A2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LO494TYL4-B0G-A2 CREE-LO494TYL4-B0G-A2 Datasheet
336Kb / 5P
   4-mm Oval LED
More results

Similar Description - LO494THR4-B0G-A2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LO494PPG4-B0G-A3 CREE-LO494PPG4-B0G-A3 Datasheet
336Kb / 5P
   4-mm Oval LED
C4SMK-RJS CREE-C4SMK-RJS Datasheet
706Kb / 9P
   4-mm Oval LED
LO494PBL4-B0G-A3 CREE-LO494PBL4-B0G-A3 Datasheet
336Kb / 5P
   4-mm Oval LED
LO494TYL4-B0G-A2 CREE-LO494TYL4-B0G-A2 Datasheet
336Kb / 5P
   4-mm Oval LED
C4SMF-RJS CREE-C4SMF-RJS Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMB-RGY CREE-C4SMB-RGY Datasheet
900Kb / 10P
   Cree짰 Screen Master짰 4-mm Oval LED
S4SMS-RJY CREE-S4SMS-RJY Datasheet
1Mb / 9P
   Cree짰 Screen Master짰 4-mm Oval LED
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMB-RGF CREE-C4SMB-RGF Datasheet
685Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMA-RGF CREE-C4SMA-RGF Datasheet
899Kb / 9P
   Cree Screen Master 4-mm Oval LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com