Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S101N11 Datasheet(PDF) 3 Page - Sharp Corporation

Part # S101N11
Description  Voltage Input Type Solid State Relay with Built-in Snubber Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S101N11 Datasheet(HTML) 3 Page - Sharp Corporation

  S101N11 Datasheet HTML 1Page - Sharp Corporation S101N11 Datasheet HTML 2Page - Sharp Corporation S101N11 Datasheet HTML 3Page - Sharp Corporation S101N11 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S101N11/S101N12/S201N11/S201N12
Fig.3 Input Current vs. Input Voltage
(Typical Value)
Fig.5 Pickup Voltage, Dropout Voltage vs.
Ambient Temperature
Fig.6 Maximum ON-state Power Dissipation
vs. RMS ON-state Current
Fig.4 Non-repetitive Surge Current vs. Time
Input voltage VIN (V)
0
30
25
20
15
10
5
6
5
4
3
2
1
0
Ta=25°C
Time (s)
0
25
20
15
10
5
10
1
0.1
0.01
Tj=25°C start
Ambient temperature Ta (°C)
0
3.0
2.7
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
80
60
40
20
0
−20
Pickup voltage
Dropout voltage
RMS ON-state current IT (Arms)
0
2.0
2
0
Ta=25°C
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2


Similar Part No. - S101N11

ManufacturerPart #DatasheetDescription
logo
C&K Components
S101 CK-COMPONENTS-S101 Datasheet
340Kb / 5P
   Slide Switches
S101 CK-COMPONENTS-S101 Datasheet
340Kb / 5P
   S Series Slide Switches
S101 CK-COMPONENTS-S101 Datasheet
679Kb / 5P
   Slide Switches
logo
List of Unclassifed Man...
S10103101B ETC1-S10103101B Datasheet
386Kb / 6P
   Slide Switches
S10103101BE ETC1-S10103101BE Datasheet
386Kb / 6P
   Slide Switches
More results

Similar Description - S101N11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S101S15V SHARP-S101S15V Datasheet
58Kb / 4P
   SIP Type SSR with Built-in Snubber Circuit
logo
Picker Components
PCS34-AC PICKER-PCS34-AC Datasheet
1Mb / 3P
   AC Input Solid State Relay
PCS34-DC PICKER-PCS34-DC Datasheet
1Mb / 3P
   DC Input Solid State Relay
PCS34 PICKER-PCS34 Datasheet
575Kb / 3P
   AC Input Solid State Relay
logo
Crydom Inc.,
DP1210 CRYDOM-DP1210 Datasheet
297Kb / 3P
   Integrated Circuit Solid-State Relay
logo
Omron Electronics LLC
G3PF OMRON-G3PF Datasheet
1Mb / 13P
   Solid State Relays with Built-in Current Transformer
logo
Picker Components
PCS15 PICKER-PCS15_17 Datasheet
1Mb / 3P
   AC/DC Input Solid State Relay
logo
WAGO Kontakttechnik Gmb...
857-168 WAGO-857-168 Datasheet
114Kb / 4P
   Basic solid-state relay; Nominal input voltage: 60 VDC
22.11.2021
857-164 WAGO-857-164 Datasheet
116Kb / 4P
   Basic solid-state relay; Nominal input voltage: 24 VDC
22.11.2021
857-704 WAGO-857-704 Datasheet
580Kb / 11P
   Solid-state relay module; Nominal input voltage: 24 VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com