Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP368PWN1-D0G Datasheet(PDF) 1 Page - Cree, Inc

Part # LP368PWN1-D0G
Description  P4 LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LP368PWN1-D0G Datasheet(HTML) 1 Page - Cree, Inc

  LP368PWN1-D0G Datasheet HTML 1Page - Cree, Inc LP368PWN1-D0G Datasheet HTML 2Page - Cree, Inc LP368PWN1-D0G Datasheet HTML 3Page - Cree, Inc LP368PWN1-D0G Datasheet HTML 4Page - Cree, Inc LP368PWN1-D0G Datasheet HTML 5Page - Cree, Inc LP368PWN1-D0G Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image

Subject to change without notice.
www.cree.com/ledlamps
Cree® P4 LED
Model # LP368PWN-D0G
Data Sheet
130-degree, 7.6 x 7.6 mm LED lamp in white color with water-transparent lens and stopper
Applications
Indicators
Illuminations
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Forward Current
I
F
30
mA
Peak Forward Current Note
I
FP
100
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
132
mW
Operation Temperature
T
opr
-40 ~ +95
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max. 260°C for 3 sec. max.
(3 mm from the base of the epoxy bulb)
Note: Pulse width ≤0.1 msec, duty ≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
V
F
I
F = 30 mA
V
3.6
4.4
Reverse Current
I
R
V
R = 5 V
μA
100
Luminous Intensity
I
V
I
F = 30 mA
mcd
280
400
Luminous Flux
Φ
V
I
F = 30 mA
mlm
1100
Chromaticity
Coordinates
x
I
F = 30 mA
0.31
y
I
F = 30 mA
0.32
50% Power Angle
2θ½H-H
I
F = 30 mA
deg
130


Similar Part No. - LP368PWN1-D0G

ManufacturerPart #DatasheetDescription
logo
Altech corporation
LP36 ALTECH-LP36 Datasheet
455Kb / 1P
   30 mm Legend Plates LPxxx (xxx= Title)
logo
Superworld Electronics
LP36-1320 SUPERWORLD-LP36-1320 Datasheet
110Kb / 1P
   POWER TRANSFORMER
LP36-165 SUPERWORLD-LP36-165 Datasheet
109Kb / 1P
   POWER TRANSFORMER
LP36-330 SUPERWORLD-LP36-330 Datasheet
109Kb / 1P
   POWER TRANSFORMER
LP36-660 SUPERWORLD-LP36-660 Datasheet
110Kb / 1P
   POWER TRANSFORMER
More results

Similar Description - LP368PWN1-D0G

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CP41B-WES MARKTECH-CP41B-WES_15 Datasheet
651Kb / 9P
   P4 LED
logo
Cree, Inc
LP377THR1-70G-01 CREE-LP377THR1-70G-01 Datasheet
334Kb / 5P
   P4 LED
LP377THR1-A0G CREE-LP377THR1-A0G Datasheet
336Kb / 5P
   P4 LED
LP379PBG1-C0G-03 CREE-LP379PBG1-C0G-03 Datasheet
324Kb / 5P
   P4 LED
LP476PBL1-90G-03 CREE-LP476PBL1-90G-03 Datasheet
318Kb / 5P
   P4 LED
LP476PPG1-90G-03 CREE-LP476PPG1-90G-03 Datasheet
335Kb / 5P
   P4 LED
LP476PWN1-90G CREE-LP476PWN1-90G Datasheet
362Kb / 6P
   P4 LED
CP41B-WES CREE-CP41B-WES_2 Datasheet
651Kb / 9P
   P4 LED
LP377PBG1-60G-03 CREE-LP377PBG1-60G-03 Datasheet
335Kb / 5P
   P4 LED
LP377PBL1-60G-03 CREE-LP377PBL1-60G-03 Datasheet
334Kb / 5P
   P4 LED
LP377THR1-40G CREE-LP377THR1-40G Datasheet
336Kb / 5P
   P4 LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com