Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S208T01 Datasheet(PDF) 4 Page - Sharp Corporation

Part # S208T01
Description  Low Profile Type Solid State Relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S208T01 Datasheet(HTML) 4 Page - Sharp Corporation

  S208T01 Datasheet HTML 1Page - Sharp Corporation S208T01 Datasheet HTML 2Page - Sharp Corporation S208T01 Datasheet HTML 3Page - Sharp Corporation S208T01 Datasheet HTML 4Page - Sharp Corporation S208T01 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
S108T01/S108T02/S208T01/S208T02
Ambient temperature Ta (°C)
S108T01/S108T02
10
−9
10
−3
10
−4
10
−5
10
−6
10
−7
10
−8
−25
0
25
50
75
100
VD=400V
S108T01
S108T02
Ambient temperature Ta (°C)
S208T01/S208T02
10
−9
10
−3
10
−4
10
−5
10
−6
10
−7
10
−8
−25
0
25
50
75
100
VD=600V
S208T02
S208T01
Fig.8 Maximum ON-state Power Dissipation
vs. RMS ON-state Current (Typical Value)
RMS ON-state current IT (A)
0
10
8
6
4
2
7
5
3
1
0
8
6
4
2
9
7
5
3
1
Ta=25°C
Fig.9 Repetitive Peak OFF-state Current vs.
Ambient Temperature
Fig.10 Repetitive Peak OFF-state Current vs.
Ambient Temperature
Fig.6 Minimum Trigger Current vs. Ambient
Temperature (Typical Value)
Fig.7 Minimum Trigger Current vs. Ambient
Temperature (Typical Value)
Ambient temperature Ta (°C)
S108T01/S208T01
0
10
−25
0
25
50
75
100
8
6
4
2
VD=12V
Ambient temperature Ta (°C)
S108T02/S208T02
0
10
−25
0
25
50
75
100
8
6
4
2
VD=6V


Similar Part No. - S208T01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S208T01F SHARP-S208T01F Datasheet
245Kb / 13P
   IT(rms)??A, Non-Zero Cross type Low profile SIP 4pin Triac output SSR
More results

Similar Description - S208T01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S102T01 SHARP-S102T01 Datasheet
33Kb / 2P
   Low Height Type Solid State Relays
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com