Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF105F-4277DK-1DWTXXX Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF105F-4277DK-1DWTXXX
Description  MINIATURE HIGH POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF105F-4277DK-1DWTXXX Datasheet(HTML) 1 Page - Hongfa Technology

  HF105F-4277DK-1DWTXXX Datasheet HTML 1Page - Hongfa Technology HF105F-4277DK-1DWTXXX Datasheet HTML 2Page - Hongfa Technology HF105F-4277DK-1DWTXXX Datasheet HTML 3Page - Hongfa Technology HF105F-4277DK-1DWTXXX Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
7 Ijmh D
7 Ijmh E
7;D 8==XDF
76D 8>XGF
758KR 8;6XDF
75:KR 78;XDF
8==XDF/INDC760/NTDC990
PQ
PF
86D 8==XDF
758KR 8;6XDF
75:KR 78;XDF
76D 8==XDF
76D 8>XGF
8==XDF/INDC760/NTDC990
96D 8==XDF
8KR 8;6XDF
7KR 78;XDF
86D 8==XDF
86D 8>XGF
8==XDF/INDC860/NTDC<60
7 Ijmh F
@8}
0@8
DbUiQ8
DbF_Q
DbF_Q
DbUiQ8
DbF_Q
DbF_Q
DbF_Q
DbUiQ8
DbF_Q
DbF_Q
96D 8==XDF
:6D 8==XDF
8KR 8;6XDF
7KR 78;XDF
96D 8>XGF
8>D 8==XDF
8==XDF/INDC860/NTDC<60
3IFUVSIT
KI76;I3:
m\odib
KI76;I3:N
m\odib
Fjio\^o
m`ndno\i^`
O\s4 nrdo^cdib
^\k\^dot
O\s4 nrdo^cdib
qjgo\b`
O\s4 nrdo^cdib
^pmm`io
KQPJID THND[
Fjdg kjr`m
LUQ?6672 LUQ5VU7<?:? 2 LUQ7:6672 QKUDU7>6672 LHFS SF 6>6666 FHTVLILHG
867; T`q4 7467
8:6
96D 8:6XDF 7;D 8:6XDF 86D 8:6XDF 76D 8:6XDF
86D 8>XGF
76D 8>XGF
86D 8>XGF
76D 8>XGF
8;D 8:6XDF 7;D 8:6XDF 86D 8:6XDF 76D 8:6XDF
86D 8>XGF
76D 8>XGF
86D 8>XGF
76D 8>XGF
Gd`g`^omd^
nom`iboc
Ucj^f m`ndno\i^`
Fjinomp^odji
GF@ 3;; oj >;
DF@ 3;; oj <6
GF otk`@ Dkkmjs4 ?66hYA
DF otk`@ Dkkmjs4 8XD
7s76=QRU
Idg` Pj4@H79:;7=
Idg` Pj4@FSF6?66869788?/GF otk`0
Idg` Pj4@:668;;7> /GF otk`0
:QUIT- 70 Dgg q\gp`n pink`^dad`_ \m` \o mjjh o`hk`m\opm`4
80 Qigt otkd^\g gj\_n \m` gdno`_ \]jq`4 Qoc`m gj\_ nk`^dad^\odjin
^\i ]` \q\dg\]g` pkji m`lp`no4
7K otk`@7s76;QRU /8>D 8==XDF2 T`ndnodq`
gj\_2 DbF_Q2 Tjjh o`hk42 7n ji ?n jaa0
53*~,3|+
7D
7E
7F /PQ0
7F /PF0
;6h h\s4/\o 7D 8:XGF0
DbUiQ82 DbF_Q
=866XD5;<6Y 9<66XD58>6Y :>66XD5;<6Y 8:66XD58>6Y
8==XDF58>XGF
:6D
7;D
86D
76D
0;:?.0? 1.?.
05.=.0?2=6>?60>
96:6.?@=2 5645 <;B2= =28.D
Fjio\^o
\mm\ib`h`io
Fjio\^o h\o`md\g
0;68
>.32?D .<<=;A.8 =.?6:4>
\ :6D nrdo^cdib ^\k\]dgdot
\ 84;fX _d`g`^omd^ nom`iboc
/]`or``i ^jdg \i_ ^jio\^on0
\ K`\qt gj\_ pk oj =866XD
\ WN dinpg\odji ntno`h@ Fg\nn I \q\dg\]g`
\ Hiqdmjih`io\g amd`i_gt kmj_p^o /TjKU^jhkgd\io0
\ Qpogdi` Gdh`indjin@ /;6 s 8=48 s 8=4>0 hh
Linpg\odji m`ndno\i^`
E`or``i ^jdg . ^jio\^on
E`or``i jk`i ^jio\^on
Qk`m\o` odh` /\o ijhd4 qjgo40
T`g`\n` odh` /\o ijhd4 qjgo40
Dh]d`io o`hk`m\opm`
Ipi^odji\g
G`nomp^odq`
Xd]m\odji m`ndno\i^`
Kphd_dot
V`mhdi\odji
Wido r`dbco
7666O /\o ;66XGF0
8;66XDF 7hdi
7;66XDF 7hdi
GF otk`@ 7;hn h\s4
GF otk`@ 76hn h\s4
?>h5n8
?>6h5n8
76Ku oj ;;Ku 74;hh GD
;- oj >;- TK
SF
Dkkmjs4 9<b
Rg\nod^ n`\g`_2
Gpno kmjo`^o`_
A
12
:QUIT- 70 Ijm kg\nod^ n`\g`_ otk`2 oc` q`iodib3cjg` ncjpg_ ]` `s^dn`_ di
o`no4
80 Vc` _\o\ ncjri \]jq` \m` didod\g q\gp`n4
90 Rg`\n` adi_ ^jdg o`hk`m\opm` ^pmq` di oc` ^c\m\^o`mdnod^ ^pmq`n ]`gjr4
:0 WN dinpg\odji ntno`h@ Fg\nn I2 Fg\nn E4
O`^c\id^\g
`i_pm\i^`
Hg`^omd^\g
`i_pm\i^`


Similar Part No. - HF105F-4277DK-1DWTXXX

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF105F-4 HONGFA-HF105F-4 Datasheet
63Kb / 4P
   MINIATURE HIGH POWER RELAY
HF105F-4018AK1DNILNILF HONGFA-HF105F-4018AK1DNILNILF Datasheet
65Kb / 4P
   MINIATURE HIGH POWER RELAY
HF105F-4018AK1DNILTF HONGFA-HF105F-4018AK1DNILTF Datasheet
65Kb / 4P
   MINIATURE HIGH POWER RELAY
HF105F-4018AK1DNILTNIL HONGFA-HF105F-4018AK1DNILTNIL Datasheet
65Kb / 4P
   MINIATURE HIGH POWER RELAY
HF105F-4018AK1DSNILF HONGFA-HF105F-4018AK1DSNILF Datasheet
65Kb / 4P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF105F-4277DK-1DWTXXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com