Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP377THR1-70G-01 Datasheet(PDF) 1 Page - Cree, Inc

Part # LP377THR1-70G-01
Description  P4 LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LP377THR1-70G-01 Datasheet(HTML) 1 Page - Cree, Inc

  LP377THR1-70G-01 Datasheet HTML 1Page - Cree, Inc LP377THR1-70G-01 Datasheet HTML 2Page - Cree, Inc LP377THR1-70G-01 Datasheet HTML 3Page - Cree, Inc LP377THR1-70G-01 Datasheet HTML 4Page - Cree, Inc LP377THR1-70G-01 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

Subject to change without notice.
www.cree.com/ledlamps
Cree® P4 LED
Model # LP377THR-70G-0
Data Sheet
70-degree, 7.6 x 7.6 mm LED lamp in high-red color with water-transparent lens and stopper
Applications
Advertising Signs
Indicators
Automotive Lighting
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Forward Current Note 2
I
F
70
mA
Peak Forward Current Note 1
I
FP
200
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
220
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max. 260°C for 3 sec. max.
(3 mm from the base of the epoxy bulb)
Notes:
Pulse width ≤0.1 msec, duty ≤1/10.
A heat sink is recommended if the device is operated at ambient temperatures higher than 25°C.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
V
F
I
F = 70 mA
V
2.6
3.2
Reverse Current
I
R
V
R = 5 V
μA
100
Dominant Wavelength
λ
D
I
F = 70 mA
nm
620
628
637
Luminous Flux
Φ
V
I
F = 70 mA
mlm
3000
4500
50% Power Angle
2θ½
I
F = 70 mA
deg
70
1.
2.


Similar Part No. - LP377THR1-70G-01

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LP377THR1-70G-01-MT MARKTECH-LP377THR1-70G-01-MT Datasheet
212Kb / 4P
   SPECIFICATION FOR COTCO LED LAMP
More results

Similar Description - LP377THR1-70G-01

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CP41B-WES MARKTECH-CP41B-WES_15 Datasheet
651Kb / 9P
   P4 LED
logo
Cree, Inc
LP377THR1-A0G CREE-LP377THR1-A0G Datasheet
336Kb / 5P
   P4 LED
LP379PBG1-C0G-03 CREE-LP379PBG1-C0G-03 Datasheet
324Kb / 5P
   P4 LED
LP476PBL1-90G-03 CREE-LP476PBL1-90G-03 Datasheet
318Kb / 5P
   P4 LED
LP476PPG1-90G-03 CREE-LP476PPG1-90G-03 Datasheet
335Kb / 5P
   P4 LED
LP476PWN1-90G CREE-LP476PWN1-90G Datasheet
362Kb / 6P
   P4 LED
CP41B-WES CREE-CP41B-WES_2 Datasheet
651Kb / 9P
   P4 LED
LP377PBG1-60G-03 CREE-LP377PBG1-60G-03 Datasheet
335Kb / 5P
   P4 LED
LP377PBL1-60G-03 CREE-LP377PBL1-60G-03 Datasheet
334Kb / 5P
   P4 LED
LP377THR1-40G CREE-LP377THR1-40G Datasheet
336Kb / 5P
   P4 LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com