Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5619US Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 1N5619US
Description  SURFACE MOUNT VOIDLESSHERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5619US Datasheet(HTML) 3 Page - Microsemi Corporation

  1N5619US Datasheet HTML 1Page - Microsemi Corporation 1N5619US Datasheet HTML 2Page - Microsemi Corporation 1N5619US Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SURFACE MOUNT VOIDLESS-
HERMETICALLY SEALED FAST
RECOVERY GLASS RECTIFIERS
S C O T TS DALE DIVISION
1N5615US thru 1N5623US
PACKAGE DIMENSIONS AND PAD LAYOUT
NOTE: This Package Outline has also previously
PAD LAYOUT
been identified as “D-5A”
INCHES
mm
A
0.246
6.25
B
0.067
1.70
C
0.105
2.67
INCHES
mm
MIN
MAX
MIN
MAX
BD
.097
.103
2.46
2.62
BL
.185
.200
4.70
5.08
ECT
.019
.028
0.48
0.71
S
.003
---
0.08
---
Note: If mounting requires adhesive
separate from the solder, an additional
0.060 inch diameter contact may be
placed in the center between the pads
as an optional spot for cement.
Microsemi
Scottsdale Division
Page 3
Copyright
© 2007
1-15-2007 REV D
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Similar Part No. - 1N5619US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5619US MICROSEMI-1N5619US Datasheet
155Kb / 3P
   SURFACE MOUNT VOIDLESSHERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
logo
Sensitron
1N5619US SENSITRON-1N5619US Datasheet
47Kb / 3P
   Fast Recovery Rectifier
More results

Similar Description - 1N5619US

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5615US MICROSEMI-1N5615US_09 Datasheet
155Kb / 3P
   SURFACE MOUNT VOIDLESSHERMETICALLY SEALED FAST RECOVERY GLASS RECTIFIERS
1N5807US MICROSEMI-1N5807US Datasheet
399Kb / 3P
   SURFACE MOUNT VOIDLESSHERMETICALLY- SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N5802US MICROSEMI-1N5802US_09 Datasheet
132Kb / 2P
   SURFACE MOUNT VOIDLESSHERMETICALLY-SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N5802US MICROSEMI-1N5802US Datasheet
112Kb / 2P
   SURFACE MOUNT VOIDLESSHERMETICALLY- SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N5807US MICROSEMI-1N5807US_09 Datasheet
166Kb / 3P
   SURFACE MOUNT VOIDLESSHERMETICALLY-SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N5807CBUS MICROSEMI-1N5807CBUS Datasheet
166Kb / 3P
   SURFACE MOUNT VOIDLESSHERMETICALLY-SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS
1N5186US MICROSEMI-1N5186US Datasheet
270Kb / 2P
   VOIDLESS-HERMETICALLY SEALED SURFACE MOUNT FAST RECOVERY GLASS RECTIFIERS
1N5415US MICROSEMI-1N5415US Datasheet
324Kb / 3P
   VOIDLESS-HERMETICALLY SEALED SURFACE MOUNT FAST RECOVERY GLASS RECTIFIERS
1N6626US MICROSEMI-1N6626US Datasheet
363Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED SURFACE MOUNT ULTRA FAST RECOVERY GLASS RECTIFIERS
1N6626US MICROSEMI-1N6626US_09 Datasheet
262Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED SURFACE MOUNT ULTRA FAST RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com