Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C41102ZY5V1 Datasheet(PDF) 3 Page - Bi technologies

Part # C41102ZY5V1
Description  Single-In-Line Conformal Coated Capacitor Networks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

C41102ZY5V1 Datasheet(HTML) 3 Page - Bi technologies

  C41102ZY5V1 Datasheet HTML 1Page - Bi technologies C41102ZY5V1 Datasheet HTML 2Page - Bi technologies C41102ZY5V1 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4
4-37
Model C Series
ORDERING INFORMATION
Model Series
No. of Leads:
4 to 14 pins
Circuit Type
Capacitance Code:
102 = 1,000pF
Rated Voltage:
2 = 25Vdc
5 = 50Vdc
1 = 100Vdc
Dielectric Code:
X7R: 680pF ~ 47nF
Y5V: 10pF ~ 1,500pF
CG (NPO): 10pF ~ 1,500pF
Tolerance:
J =
±5%
K =
±10%
M =
±20%
Z = –20% ~ +80%
C 10 1 102 M SL 2
C10 - 1 102MSL
Lead #1
Indicator
Logo
Model
Date Code
TYPICAL PART MARKING


Similar Part No. - C41102ZY5V1

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C4110A GENERAL-C4110A Datasheet
74Kb / 1P
   15C 22 7/30 TC PVC PVC COMMUNICATION CABLE
More results

Similar Description - C41102ZY5V1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CS201 VISHAY-CS201_08 Datasheet
106Kb / 3P
   Capacitor Networks, Single-In-Line,Conformal Coated SIP,
Revision: 07-Aug-08
CS201 VISHAY-CS201 Datasheet
111Kb / 3P
   Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
Revision: 09-Jan-07
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
   SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Vishay Siliconix
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
TAS VISHAY-TAS Datasheet
416Kb / 5P
   Conformal, Single-In-Line Resistor Networks
Revision: 15-Nov-07
VTF VISHAY-VTF Datasheet
235Kb / 4P
   Conformal, Single In-Line Resistor Networks (Custom)
Revision: 16-May-07
CS206 VISHAY-CS206 Datasheet
333Kb / 2P
   Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
Revision 10-Sep-04
VTF2 VISHAY-VTF2 Datasheet
751Kb / 9P
   Conformal, Single In-Line Resistor Networks (Standard)
Revision: 05-Mar-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com