Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5322 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI5322
Description  PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5322 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI5322 Datasheet HTML 4Page - Silicon Laboratories SI5322 Datasheet HTML 5Page - Silicon Laboratories SI5322 Datasheet HTML 6Page - Silicon Laboratories SI5322 Datasheet HTML 7Page - Silicon Laboratories SI5322 Datasheet HTML 8Page - Silicon Laboratories SI5322 Datasheet HTML 9Page - Silicon Laboratories SI5322 Datasheet HTML 10Page - Silicon Laboratories SI5322 Datasheet HTML 11Page - Silicon Laboratories SI5322 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Si5322
8
Preliminary Rev. 0.47
21
CS_CA
I/O
LVCMOS
Input Clock Select/Active Clock Indicator.
If manual clock selection mode is chosen (AUTOSEL = L),
this pin functions as the manual input clock selector. This
input is internally deglitched to prevent inadvertent clock
switching during changes in the CS input state.
0 = Select CKIN1.
1 = Select CKIN2.
If automatic clock selection mode is chosen (AUTOSEL = M
or H), this pin indicates which of the two input clocks is cur-
rently the active clock. If alarms exist on both CKIN1 and
CKIN2, indicating that the digital hold state has been
entered, CA will indicate the last active clock that was used
before entering the hold state.
0 = CKIN1 active input clock.
1 = CKIN2 active input clock.
23
22
BWSEL1
BWSEL0
I
3-Level
Bandwidth Select.
Three level inputs that select the DSPLL closed loop band-
width. Detailed operations and timing characteristics for
these pins may be found in the Any-Rate Precision Clock
Family Reference Manual.
27
26
25
24
FRQSEL3
FRQSEL2
FRQSEL1
FRQSEL0
I
3-Level
Multiplier Select.
Three level inputs that select the input clock and clock multi-
plication ratio, depending on the FRQTBL setting. Consult
the Any-Rate Precision Clock Family Reference Manual or
DSPLLsim configuration software for settings, both avail-
able for download at www.silabs.com/timing.
33
30
SFOUT0
SFOUT1
I
3-Level
Signal Format Select.
Three level inputs that select the output signal format (com-
mon mode voltage and differential swing) for both CKOUT1
and CKOUT2. Valid settings include LVPECL, LVDS, and
CML. Also includes selections for CMOS mode, tristate
mode, and tristate/sleep mode.
Table 3. Si5322 Pin Descriptions (Continued)
Pin #
Pin Name
I/O
Signal Level
Description
SFOUT[1:0]
Signal Format
HH
Reserved
HM
Reserved
HL
CML
MH
LVPECL
MM
Reserved
ML
LVDS
LH
CMOS
LM
Tristate/Sleep
LL
Reserved


Similar Part No. - SI5322

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5322 SILABS-Si5322 Datasheet
341Kb / 50P
   Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5322 SKYWORKS-SI5322 Datasheet
344Kb / 24P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5322 SKYWORKS-SI5322 Datasheet
1Mb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
SI5322-C-GM SKYWORKS-SI5322-C-GM Datasheet
344Kb / 24P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5322/23-EVB SKYWORKS-SI5322/23-EVB Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
More results

Similar Description - SI5322

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5365 SILABS-SI5365 Datasheet
238Kb / 18P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5365 SKYWORKS-SI5365 Datasheet
592Kb / 27P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5322 SKYWORKS-SI5322 Datasheet
344Kb / 24P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5325 SILABS-SI5325 Datasheet
228Kb / 14P
   UP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5325 SKYWORKS-SI5325 Datasheet
1Mb / 62P
   μP-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5367 SILABS-SI5367 Datasheet
253Kb / 18P
   關P-PROGRAMMABLE PRECISION CLOCK MULTIPLIER
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com